Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 4 Page - Analog Devices

  DAC8420FS Datasheet HTML 1Page - Analog Devices DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DAC8420
REV. 0
–4–
WAFER TEST LIMITS
DAC8420G
Parameter
Symbol
Conditions
Limit
Units
Integral Linearity
INL
±1
LSB max
Differential Linearity
DNL
±1
LSB max
Min-Scale Offset
±1
LSB max
Max-Scale Offset
±1
LSB max
Logic Input High Voltage
VINH
2.4
V min
Logic Input Low Voltage
VINL
0.8
V max
Logic Input Current
IIN
1
µA max
Positive Supply Current
IDD
8
mA max
Negative Supply Current
ISS
7
mA max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +18.0 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –18.0 V
VSS to VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +36.0 V
VSS to VVREFLO . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VSS – 2.0 V
VVREFHI to VVREFLO . . . . . . . . . . . . . . . . . . . +2.0 V, VDD – VSS
VVREFHI to VDD . . . . . . . . . . . . . . . . . . . . . . . +2.0 V, +33.0 V
IVREFHI, IVREFLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Digital Input Voltage to GND . . . . . . . . . –0.3 V, VDD + 0.3 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Operating Temperature Range
EP, FP, ES, FS, EQ, FQ . . . . . . . . . . . . . . –40
°C to +85°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
Thermal Resistance
Package Type
θ
JA
θ
JC
Units
16-Pin Plastic DIP (P)
70
1
27
°C/W
16-Pin Hermetic DIP (Q)
82
1
9
°C/W
16-Lead Small Outline
Surface Mount (S)
86
2
22
°C/W
NOTES
1
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for
device in socket.
2
θ
JA is specified for device on board.
CAUTION
1. Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this
specification is not implied. Exposure to the above maximum
rating conditions for extended periods may affect device
reliability.
2. Digital inputs and outputs are protected, however, permanent
damage may occur on unprotected units from high-energy
electrostatic fields. Keep units in conductive foam or packaging
at all times until ready to use. Use proper antistatic handling
procedures.
3. Remove power before inserting or removing units from their
sockets.
4. Analog Outputs are protected from short circuits to ground
or either supply.
DICE CHARACTERISTICS
10
SDI
9
GND
8
VSS
7
VOUTA
CLR
15
CLSEL
16
(SUBSTRATE)
VDD
1
VOUTD
2
VOUTC 3
VREFLO 4
VREFHI 5
VOUTB 6
11 CLK
12 CS
14 LD
13 NC
NC = NO CONNECT
Die Size 0.119
× 0.283 inch, 33,677 sq. mils
(3.023
× 7.188 mm, 21.73 sq. mm)
Transistor Count 2,207
For additional DICE ordering information, refer to databook.
(at VDD = +15.0 V, VSS = –15.0 V, VREFHI = +10.0 V, VREFLO = –10.0 V, TA = +25 C
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com