Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8420FS Datasheet(PDF) 6 Page - Analog Devices

Part # DAC8420FS
Description  Quad 12-Bit Serial Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420FS Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC8420FS Datasheet HTML 2Page - Analog Devices DAC8420FS Datasheet HTML 3Page - Analog Devices DAC8420FS Datasheet HTML 4Page - Analog Devices DAC8420FS Datasheet HTML 5Page - Analog Devices DAC8420FS Datasheet HTML 6Page - Analog Devices DAC8420FS Datasheet HTML 7Page - Analog Devices DAC8420FS Datasheet HTML 8Page - Analog Devices DAC8420FS Datasheet HTML 9Page - Analog Devices DAC8420FS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DAC8420
REV. 0
–6–
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTION
Power Supplies
VDD: Positive Supply, +5 V to +15 V.
VSS: Negative Supply, 0 V to –15 V.
GND: Digital Ground.
Clock
CLK: System Serial Data Clock Input, TTL/CMOS levels. Data presented to the input SDI is shifted into
the internal serial-parallel input register on the rising edge of clock. This input is logically ORed with CS.
Control Inputs
(All are CMOS/TTL compatible.)
CLR
: Asynchronous Clear, active low. Sets internal data registers A-D to zero or midscale, depending on cur-
rent state of CLSEL. The data in the serial input shift register is unaffected by this control.
CLSEL: Determines action of CLR. If HIGH, a Clear command will set the internal DAC registers A-D to
midscale (800H). If LOW, the registers are set to zero (000H).
CS
: Device Chip Select, active low. This input is logically ORed with the clock and disables the serial data
register input when HIGH. When LOW, data input clocking is enabled, see the Control Function Table.
LD
: Asynchronous DAC Register Load Control, active low. The data currently contained in the serial input
shift register is shifted out to the DAC data registers on the falling edge of LD, independent of CS. Input data
must remain stable while LD is LOW.
Data Input
(All are CMOS/TTL compatible.)
SDI: Serial Data Input. Data presented to this pin is loaded into the internal serial-parallel shift register, which
shifts data in beginning with DAC address Bit A1. This input is ignored when CS is HIGH.
The format of the 16-bit serial word is:
(FIRST)
(LAST)
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
A1
A0
NC
NC
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
—Address Word—
(MSB)
—DAC Data Word—
(LSB)
NC = Don’t Care.
Reference Inputs
VREFHI: Upper DAC ladder reference voltage input. Allowable range is (VDD – 2.5 V) to (VVREFLO +2.5 V).
VREFLO: Lower DAC ladder reference voltage input, equal to zero scale output. Allowable range is VSS to
(VVREFHI – 2.5 V).
Analog Outputs
VOUTA through VOUTD: Four buffered DAC voltage outputs.
DIP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
DAC8420
VDD
VOUTD
VOUTC
VREFLO
VREFHI
VOUTB
VOUTA
VSS
CLSEL
NC
CLK
SDI
GND
CLR
LD
CS
NC = NO CONNECT
SOL
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
DAC-8420
TOP VIEW
(Not to Scale)
DAC-8420
9
16
15
14
13
12
11
10
NC = NO CONNECT
VDD
VOUTD
VOUTC
VREFLO
VREFHI
VOUTB
VOUTA
VSS
CLSEL
NC
CLK
SDI
GND
CLR
LD
CS
TOP VIEW
(Not to Scale)
DAC8420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com