Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7756EB Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADE7756EB
Description  Evaluation Board Documentation AD7756 Energy metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7756EB Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADE7756EB Datasheet HTML 4Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 5Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 6Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 7Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 8Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 9Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 10Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 11Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
EVAL-ADE7756EB
–8–
REV. PrB 01/01
PRELIMINARYTECHNICALDATA
Measuring CT Phase Errors using the ADE7756
The ADE7756 itself can be used to measure a CT (and
external components) phase error during calibration. The
assumption is that the ADE7756 has no internal phase
error (PHCAL = 00 hex) and the error due to external
components is small (<0.5°). The procedure is based on a
two point measurement, at PF=1 and PF = 0.5 (lag). The
PF is set up using the test bench source and this source
must be very accurate. The ADE7756 should be config-
ured for energy measurement mode.
An energy measurement is first made with PF=1 (mea-
surement A). A second energy measurement should be
made at PF=0.5 (measurement B). The frequency output
CF can be used for this measurement. Using the formula
shown below the phase error is easily calculated:
=
°
3
2
2
tan
)
(
1
A
A
B
Error
Phase
For example, using the frequency output CF to measure
power, a frequency of 3.66621Hz is recorded for a PF=1.
The PF is then set to 0.5 lag and a measurement of
1.83817Hz is obtained. Using the formula above the
phase error on Channel 1 is calculated as:
°
+
=
=
°
091
.
0
3
2
66621
.
3
2
66621
.
3
83817
.
1
tan
)
(
1
Error
Phase
The formula will also give the correct sign for the phase
error. In this example the phase error is calculated as
+0.091° at the input to the Channel 1 of ADE7756. This
means that the CT has introduced a phase lead of 0.091°.
Therefore the phase difference at thr input to Channel 1 is
now 59.89° lag instead of 60° lag. Determining whether
the error is a lead or lag can also be figured intuitively
from the frequency output. Figure 11 shows how the
output frequency varies with phase (cos{
φ}). Since the
output frequency B (1.83817Hz) at the PF=0.5 lag setting
in the example is actually greater than A/2 (1.833105Hz),
this means the phase error between Channel 1 and Chan-
nel 2 was actually less than 60°. This means there was
additional lead in Channel 1 due to the CT.
60
PF=1
PF=0.5
PF<0.5
PF>0.5
CF (Hz)
PF=0
Phase lag
360
Frequency B > A/2
Phase difference < 60 lag
Figure 10—CF Frequency Vs Phase(PF)
Using the Phase Calibration to correct
small (<0.5°) external phase errors
From the previous example it is seen that the CT intro-
duced a phase lead in Channel 1 of 0.091° . Therefore
instead of 60° phase difference between Channel 1 and
Channel 2, it is actually 59.89°. In order to bring the
phase difference back to 60°, the phase compensation
circuit in Channel 2 is used to introduce an extra lead of
0.091°. This is achieved by reducing the amount of time
delay in Channel 2.
The maximum time delay adjustment in Channel 2 is
±143µs with a CLKIN of 3.579545MHz. The PHCAL
register is a signed 2's complement 6 bit register. There-
fore each LSB is equivalent to 4.47µs. In this example the
line frequency is 50Hz. This means each LSB is equiva-
lent to (360° x 4.47µs x 50) = 0.08°. To introduce a lead
of 0.091° the delay in Channel 2 must be reduced. This is
achieved by writing -1 (FFh) or +0.08° to the PHCAL
register.
Figure 11—Writing to the PHCAL register to correct
phase error
Correcting large external phase errors
In this example the phase correction range at 50Hz is only
approximatey ±2.5°. However it is best to only use the
PHCAL register for small phase corrections, i.e., <0.5°.
If larger corrections are required the larger part of the
correction can be made using external passive component.
For example the resistors in the anti-alias filter can be
modified to shift the corner frequency of the filter so as to
introduce more or less lag. The lag through the anti-alias
filters with 1k
Ω and 33nF is 0.56° at 50Hz. Fine adjust
can be made with the PHCAL register. Note that typically
CT phase shift will not vary significantly from part to
part. If a CT phase shift is 1°, then the part to part
variation should only be about ±0.1°. Therefore the bulk
of the phase shift (1°) can be canceled with fixed compo-
nent values at design. The remaining small adjustments
can be made in production using the PHCAL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com