Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7756EB Datasheet(PDF) 15 Page - Analog Devices

Part # EVAL-ADE7756EB
Description  Evaluation Board Documentation AD7756 Energy metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7756EB Datasheet(HTML) 15 Page - Analog Devices

Back Button EVAL-ADE7756EB Datasheet HTML 7Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 8Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 9Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 10Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 11Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 12Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 13Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 14Page - Analog Devices EVAL-ADE7756EB Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
PRELIMINARY TECHNICAL DATA
EVAL-ADE7756EB
–15–
REV. PrB 01/01
PRELIMINARYTECHNICALDATA
Recommendation
The sensitivity to ground noise of the analog section of the
system leads to select with cautious the set up of the
evaluation board.
To obtain the best performances from the evaluation board,
when it is used in a real meter configuration (Voltage = 220V
and current sensor connected), the configuration of Table1
should be applied.
This set up requires three 5volts Power supplies, an addi-
tional Ferrite Bead (Type Panasonic, EXCELSA391) and
the disconnection of U2.
If the CF pin is used to measure the accuracy of the system,
the connection between the ADE7756's CF pin and the input
of the opto-isolator should be restored by connecting U2.8
and U2.9 - Figure 13. The trace between BNC2 connector and
the SUB-D25 P1 connector should also been cut if this
connector is used to connect a PC via the parallel cable - Figure
12.
PCB Layout - Solder side change
Figure 12 - Solder side change
JUMPER
OPTION
Comments
JP1
Open
JP2
Open
JP3
Open
JP4
Closed
If shunt used
Open
If CT used
JP5 A
Open
JP5 B
Open
JP6 A
Open
JP6 B
Open
JP7
Open
JP8
Open
JP9
Open
JP10
Closed
JP11
Closed
Use Ferrite to close connec
tion (type Panasonic
EXCELSA391)
JP12 A
Closed
JP12 B
Open
JP13
Open
JP14
Open
JP15
Closed
JP19 A
Closed
JP19 B
Open
JP20
Closed
JP21
Open
JP25
Closed
JP51
Closed
Table 1: Evaluation board configuration
L
:Jumper closed
:Jumper open
+
-
5.000 V
-
+
5.000 V
5.000 V
U2 removed and connection between
U2.8 and U2.9 restored
Ferrite Bead
Figure13 - Evaluation board configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com