Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLX/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3565TLX/NOPB Datasheet HTML 13Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 14Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 15Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
SCL
S
P
P
STO
condition
START condition
SDA
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LM3565
www.ti.com
SNVS957 – JANUARY 2013
I
2C-Compatible Interface
Data Validity
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the state
of the data line can only be changed when CLK is LOW.
Figure 48. Data Validity Diagram
A pull-up resistor between VIO and SDA must be greater than [ (VIO-VOL) / 3mA] to meet the VOL requirement
on SDA. Using a larger pullup resistor results in lower switching current with slower edges, while using a smaller
pull-up results in higher switching currents with faster edges.
Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C-compatible session. A START
condition is defined as SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is
defined as the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C-compatible master always
generates START and STOP conditions. The I2C-compatible bus is considered to be busy after a START
condition and free after a STOP condition. During data transmission, the I2C-compatible master can generate
repeated START conditions. First START and repeated START conditions are equivalent, function-wise. The
data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the state of
the data line can only be changed when CLK is LOW.
Figure 49. Start and Stop Conditions
Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3565 pulls
down the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3565 generates an
acknowledge after each byte has been received.
After the START condition, the I2C-compatible master sends a chip address. This address is seven bits long
followed by an eighth bit which is a data direction bit (R/W). The LM3565 address is 30h. For the eighth bit, a '0'
indicates a WRITE and a '1' indicates a READ. The second byte selects the register to which the data will be
written. The third byte contains data to write to the selected register.
Copyright © 2013, Texas Instruments Incorporated
17
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com