Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3565TLX/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3565TLX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3565TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 24Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 25Page - Texas Instruments LM3565TLX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
SEN
SSU PWM SPL3 SPL2 SPL1 SPL0 SLL
Strobe Signaling Register
Address: 0x06
Default:
1
1
0
0
1
0
0
0
Definition:
LM3565
SNVS957 – JANUARY 2013
www.ti.com
SEN: = Strobe Enable Bit. '0' = Disabled, '1' = Enabled
SSU: Strobe Signal Usage Bit. '0' = edge-sensitive, '1' = Level Sensitive
PWM: Flash PWM w/ Strobe Signal Enable bit. '0' =Disabled, '1' = Enabled
SPL3-SPL0: Stobe PWM Flash Current Reduction Level.
See Strobe PWM Flash Current Reduction Levels table.
SLL: Strobe Logic Level Bit. '0' = 1.2V Logic, '1' = 1.8V Logic
Table 7. Strobe PWM Flash Current Reduction Levels
SPL3
SPL2
SPL1
SPL0
Flash Current Level
0
0
0
0
30 mA
0
0
0
1
60 mA
0
0
1
0
90 mA
0
0
1
1
120 mA
0
1
0
0
150 mA
0
1
0
1
180 mA
0
1
1
0
210 mA
0
1
1
1
240 mA
1
0
0
0
270 mA
1
0
0
1
300 mA
1
0
1
0
330 mA
1
0
1
1
360 mA
1
1
0
0
390 mA
1
1
0
1
420 mA
1
1
1
0
450 mA
1
1
1
1
480 mA
22
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com