Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EB2 Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADF4113EB2
Description  1750MHz Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EB2 Datasheet(HTML) 6 Page - Analog Devices

  EVAL-ADF4113EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVAL-ADF4113EB2
REV.PrA 01/00
–6–
Table 1. Bill of Materials for the EVAL-ADF4113EB2
Reference Designator
Description
Manufacturer
PCB DECAL
VALUE
U1
ADF4113BRU
ADI
TSSOP-16
ADF4113BRU
U2
AD7706BR
ADI
SO16WB
AD7706BR
U3
AD780AR
ADI
SO8NB
AD780AR
U4
ADP3300ART-5
ADI
SOT23-6
ADP3300ART-5
U5
ADP3300ART-3
ADI
SOT23-6
ADP3300ART-3
VCO1
VCO190-1750
Vari-L (Acal Elect. = Disti)
VCO190-1750
Y1
4.9152MHz Crystal
Vectron International
HC49 low profile
VXA1-1011
Y2
10 MHz TCXO
Vectron International
T-118
D1
SD103C Schottky Diode
General Semiconductor
DO35
SD103C
D2
IN4001
D035
FEC 365-117
D3
Red Low Power LED
Visha
LED
FEC 657-130
D4
Green Low Power LED (Do Not Insert) Visha
LED
FEC 657-141
C1 C41
0.1uF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-675
C2
10uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_B
FEC 197-014
C3 C26 C27 C28
100pF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-122
C4 C31
22uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 197-038
C5 C7 C11
0.1uF Multi Layer Ceramic Capacitor Murata
Case 0805
FEC 317-627
C6 C8 C9 C12 C3
10pF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-110
C13 C14
1nF Multi Layer Ceramic Capacitor
Murata
Case 0603
FEC 317-202
C21 C22
33pF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 498-555
C23
1nF Multi Layer Ceramic Capacitor
Murata
Case 0805
C24
10nF Multi Layer Ceramic Capacitor Murata
Case 0805
C25
82pF Multi Layer Ceramic Capacitor Murata
Case 0805
C33 C36 C40
10nF Multi Layer Ceramic Capacitor Murata
Case 0603
FEC 499-146
C34 C37
1uF 16V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 498-701
C35 C38
4.7uF 10V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 498-658
C39 C42
10uF 6.3V Tantalum Capacitor
AVX
CAP\TAJ_A
FEC 197-014
R1
20r 5% Resistor (Surface Mount)
Multicomp
Case 0805
FEC 771-132
R2 R5 R6 R7 R8 R9 R10
330r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-143
R3
3k3 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-290
R4
4k7 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-318
R11 R25
Do Not Insert
Case 0805
R18
1M 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-598
R19
3k9 1% Resistor (Surface Mount)
Case 0805
R20
20k 1% Resistor (Surface Mount)
Case 0805
R21 R22 R23
18r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-021
R24
51r 1% Resistor (Surface Mount)
Multicomp
Case 0603
R27 R28 R29
10k 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-355
R30 R31 R32 R33 R40 R41 100k 0.1% Resistor (Surface Mount) Meggitt
Case 0603
FEC 911-471
R36 R37
330K 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 911-537
R38 R39
0r 1% Resistor (Surface Mount)
Multicomp
Case 0603
FEC 772-227
R12
0r 1% Resistor - Do Not Insert
Multicomp
Case 0603
FEC 772-227
R42
4k7 1% Resistor (Surface Mount)
Multicomp
Case 0805
FEC 911-938
SW1
Push Button Switch
Omron
SW\PB-SMALL
FEC 176-986
SW2
SPDT Switch - (Washable)
Apem
SW_SIP-3P
FEC 150-559
T1-15T19-21
Red Testpoint
W Hughes
TESTPOINT
FEC-240-345
J1
9 PIN D-TYPE MALE (HORIZ)
McMurdo
DCON9M
FEC 150-750
J2 J3 J4 J5 J6
Do Not Insert
SMA
J7
GOLD 50Ω SMA SOCKET
Pasterna
SMA
PE4118
LK1 LK4 LK5
3 pin header
Harwin
SIP-3P
FEC 512-047
LK2-B
Wire Lin
LK3
2 pin header
Harwin
SIP-2P
FEC 512-035
LK1 LK3-5
Shorting Shunt
Harwin
FEC 150-410
P1
Pair PCB snap-on battery connector Keystone
BATT_PP3
FEC 723-988
P1
9V PP3 Batter
Duracell
FEC 908-526
Each Corner
Rubber Stick-On Feet
3M
FEC 148-922
EVAL-ADF411XEB1
PCB
ADI
Parts Free issued by ADI.
Leave position blank - Do not insert.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com