Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF4113EB2 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADF4113EB2
Description  1750MHz Evaluation Board For PLL Frequency Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4113EB2 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADF4113EB2 Datasheet HTML 1Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 2Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 3Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 4Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 5Page - Analog Devices EVAL-ADF4113EB2 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
=
EVAL-ADF4113EB2
FEATURES
Self-Contained Board including Synthesizer, VCO, Loop
Filter for generating frequencies of 1700MHz to
1800MHz
Designed for 20kHz Loop Bandwidth
Accompanying Software allows complete control of synthe-
sizer functions from PC
Battery Operated: Choice of 3V or 5V supplies
Typical Phase Noise Performance of -86dBc/Hz @ 1kHz
offset
© Analog Devices, Inc., 1999
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781-329-4700
Fax: 781-326-8703
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of
Analog Devices.
1750MHz Evaluation Board For PLL
FrequencySynthesizer
BLOCK DIAGRAM
REV.PrA 01/00
GENERAL DESCRIPTION
This board is designed to allow the user to evaluate the
performance of the ADF4113 Frequency Synthesizer for
PLL's (Phase Locked Loops). The block diagram of the
board is shown below. It contains the ADF4113 synthe-
sizer, a pc connector, SMA connector for the reference
input, power supplies and RF output. There is also a
loop filter (20kHz bandwidth) and a VCO on board. A
cable is included with the board to connect to a pc
printer port.
The package also contains windows software to allow
easy programming of the synthesizer.
VC O 1
(Vari-L)
PC CO NNEC TO R
9V BATTERY
A DF4 113
EV AL-A DF4 113 EB 2
V
P
CE
REF
IN
V
VC O
V
DD
VC O 190-1750 T
TC XO
Ve ctron
AD7 706
SM A
Soc ket
PO W ER SW ITCH
ON
OFF
PC CO NNEC TO R
9V BATTERY
TC XO
AD7 706


Similar Part No. - EVAL-ADF4113EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
EVAL-ADF4113EBZ2 AD-EVAL-ADF4113EBZ2 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
More results

Similar Description - EVAL-ADF4113EB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
CDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4118EB1 AD-EVAL-ADF4118EB1 Datasheet
168Kb / 6P
WCDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB2 AD-EVAL-ADF4213EB2 Datasheet
452Kb / 6P
2.35GHz Dual Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4153EB1 AD-EVAL-ADF4153EB1 Datasheet
204Kb / 8P
Evaluation Board For Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com