Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
connector
ENHVU
S0
V3P3OUT
V3P3
V3P3
Exposed Pad
ISET_S0
ISET_S3
ISET_V3P3
VHV
VHV
DC/DC
DC/DC
µC
R
SET_S0
R
SET_S3
R
SET_V3P3
TPS22981
www.ti.com
SLVSBM6 – DECEMBER 2012
3.3V to 18V Thunderbolt Power Mux
Check for Samples: TPS22981
1
FEATURES
DESCRIPTION
•
Powered from 3.3V
The TPS22981 is a current-limited power mux
•
4.5V to 19.8V High Voltage Switch
providing a connection to a peripheral device from
either a low voltage supply (3V to 3.6V) or a high
•
3V to 3.6V Switch
voltage supply (4.5V to 19.8V). The desired output is
•
Adjustable Current Limit
selected by digital control signals.
•
Thermal Shutdown
The high voltage (VHV) and low voltage (V3P3)
•
Make Before Break Switch
switch current limits are set with external resistance.
•
High Voltage Discharge Before Low Voltage
Once the current limit is reached, the TPS22981 will
Make
control the switch to maintain the current at this limit.
•
Reverse Current Blocking
When the high voltage supply is not present, the
TPS22981 will maintain the connection to the output
APPLICATIONS
from the low voltage supply. Upon the presence of a
high voltage line and high voltage enable signal, the
•
Notebook Computers
high voltage switch is turned on in conjunction with
•
Desktop Computers
the low voltage switch until a reverse current is
•
Power Management Systems
detected through the low voltage switch, allowing a
seamless transition from low voltage to the high
voltage supply with minimal droop and shoot-through
current.
To prevent current backflow during a switch over from
a VHV connection to a V3P3 connection, the
TPS22981 will break the VHV connection, discharge
the output to approximately 3.3V and then make the
V3P3 connection. The output will transition to 0V
when a load is present, before returning to 3.3V.
The TPS22981 is available in a 4mm x 4mm x 1mm
QFN package.
Figure 1. Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS22981RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
Thunderbolt Power Mux
TPS22981RGPR TI2-TPS22981RGPR Datasheet
1,012Kb / 25P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR TI2-TPS22981RGPR Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR.A TI2-TPS22981RGPR.A Datasheet
1,012Kb / 25P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR.A TI2-TPS22981RGPR.A Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
More results

Similar Description - TPS22981RGPR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
3.3V TO 18V MUX with Overcurrent Limit
logo
Pericom Semiconductor C...
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
Thunderbolt Power Mux
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
logo
Exar Corporation
XR3070-78X EXAR-XR3070-78X Datasheet
547Kb / 24P
LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com