Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22981RGPR
Description  3.3V to 18V Thunderbolt Power Mux
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22981RGPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS22981
www.ti.com
SLVSBM6 – DECEMBER 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range on V3P3 (VDD)(2)
–0.3 to 3.6
Input voltage range on EN, HV_EN, ENHVU, ISET_V3P3, ISET_S0, ISET_S3, S0(2)
–0.3 to V3P3+0.3
Output voltage range on FAULTZ
–0.3 to V3P3+0.3
VI
Input voltage range on VHV(2)
–0.3 to 20
V
Output voltage range at OUT(2)
–0.3 to 20
Voltage range between VHV and OUT (VVHV–VOUT)
–7 to 20
Output voltage range at V3P3OUT(2)
–0.3 to V3P3+0.3
TA
Operating ambient temperature range(3)
–40 to 85
°C
TJ (MAX)
Maximum operating junction temperature
110
°C
Tstg
Storage temperature range
–65 to 150
°C
Charge Device Model (JESD 22 C101)
500
V
ESD Rating
Human Body Model (JESD 22 A114)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)],
the maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the
part/package in the application (M JA), as given by the following equation: TA(max) = TJ(max) – (M JA × PD(max))
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V3P3
3
3.6
V
Supply voltage range
VHV
4.5
19.8
V
ILIM3P3OUT
V3P3OUT Switch current range
0
500
mA
VIH
Input logic high
EN, HV_EN, ENHVU, S0
V3P3-0.6
V3P3
V
VIL
Input logic low
EN, HV_EN, ENHVU, S0
0
0.6
V
RSET_V3P3
3.3V switch current limit set resistance
26.7
402
k
Ω
RSET_S0
VHV switch current limit in S0 mode set resistance
26.7
402
k
Ω
RSET_S3
VHV switch current limit in S3 mode set resistance
26.7
402
k
Ω
RFAULTZ
FAULTZ pull-up resistance to V3P3
30
k
Ω
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com