Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  selecting amplifiers, adcs, and clocks for high-performance signal paths
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DL080 Datasheet HTML 1Page - Texas Instruments ADC12DL080 Datasheet HTML 2Page - Texas Instruments ADC12DL080 Datasheet HTML 3Page - Texas Instruments ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3
signalpath.national.com/designer
SIGNAL PATH
designer
fs
3f s/2
2f s
1st Nyquist Zone
2nd Nyquist Zone
3rd Nyquist Zone
4th Nyquist Zone
Frequency
Input
Signal
Input
Image
Input
Image
5th Nyquist Zone
Unwanted Input
Signal Spur
Input
Image
Input
Image
Low-Pass Filter at
ADC Input
fs/2
Wanted Signal
Band
ADC Dynamic
Range
fH
To use the full ADC dynamic range,
ensure that any undesired, out-of-band
signal components are filtered to less
than the ADC Least Significant Bit
(LSB) level. This requires high-order
filters to obtain a sufficiently sharp roll
off if the wanted and unwanted input-
signal components approach too close
to fS/2 (Figure 2c).
One solution is to increase the ADC
sample rate and over-sample the input
signal. This spreads the Nyquist zones
further out in frequency and relaxes
the channel-filter design (Figure 2d).
High-speed baseband sampling is
found in many test and measurement
applications requiring data conversion
from DC to GHz.
An under-sampled system employs an
ADC with a full-power bandwidth
much higher than fS/2. For example, it
is not unusual to find a 1 GHz-input
bandwidth on a 100 MHz-sampling
ADC. This allows a narrowband in-
put centered at a frequency >fS/2 to be
under-sampled at a rate much lower
than the conventional Nyquist fS rate,
and aliased or “folded” back down to
the 1st Nyquist zone. This is shown in
Figure 3a where signal A is the desired
signal being converted.
At higher input frequencies, the
input stage of the ADC becomes slew-
rate limited. For optimum distortion
performance from the ADC, it is
recommended to keep the center
frequency of the under-sampled
signal to no more than 10% to 30%
of the ADC’s full-power bandwidth depending on the
performance of the ADC.
In an under-sampled system, the channel filter is the
key to ensuring that the desired signal is optimally
recovered at baseband and separated from all the
2f s
1st Nyquist Zone
2nd Nyquist Zone
Frequency
Input
Signal
Unwanted Input
Signal Spur
Input
Image
Input
Image
Low-Pass Filter at
ADC Input
fs/2
Wanted Signal
Band
Input Signal Spur
Attenuated by Filter
ADC Dynamic
Range
fH
2f s
fs
3f s
4f s
1st
Nyquist
Zone
Wanted
Input
Signal
A
5f s
2nd
Nyquist
Zone
3rd
Nyquist
Zone
4th
Nyquist
Zone
5th
Nyquist
Zone
6th
Nyquist
Zone
7th
Nyquist
Zone
8th
Nyquist
Zone
9th
Nyquist
Zone
10th
Nyquist
Zone
11th
Nyquist
Zone
12th
Nyquist
Zone
Frequency
Image
of A
Image
of A
Image
of A
Image
of A
Image
of A
Image
of A
Alias
of A
Image
of A
Image
of A
Image
of A
Image
of A
Image
of A
Figure 2d. 1st Nyquist baseband >2x over-sampling with ‘relaxed’
low-pass filter requirement
Figure 3a. Wanted signal A >fs under-sampled from 8th Nyquist zone
back to 1st Nyquist zone
Figure 2c. 1st Nyquist baseband sampling with low-pass filter
other aliased components. A bandpass filter is used
to remove all interfering frequencies and noise from
the ADC input which might otherwise alias back to
baseband with the wanted signal. Figure 3b shows
the effects of a second unwanted signal B folding
back from the 7th Nyquist zone to interfere with
s
s
s
s
1st
s
Frequency
2f
f
3f
4f
Nyquist
Zone
Wanted
Input
Signal
A
5f
2nd
Nyquist
Zone
3rd
Nyquist
Zone
4th
Nyquist
Zone
5th
Nyquist
Zone
6th
Nyquist
Zone
7th
Nyquist
Zone
8th
Nyquist
Zone
9th
Nyquist
Zone
10th
Nyquist
Zone
11th
Nyquist
Zone
12th
Nyquist
Zone
Unwanted
Signal B
Alias of B
Inteferes
with Alias
of A
Image
of B
Image
of B
Image
of B
Image
of B
Image
of B
Image
of B
Image
of B
Image
of B
Image
of B
Figure 3b. Failure to bandpass filter unwanted signal B allows it to alias back
to the 1st Nyquist zone and interfere with the recovery of wanted signal A
SignalPathDesigner.indd 3
SignalPathDesigner.indd 3
9/5/07 3:24:31 PM
9/5/07 3:24:31 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com