Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  selecting amplifiers, adcs, and clocks for high-performance signal paths
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 2Page - Texas Instruments ADC12DL080 Datasheet HTML 3Page - Texas Instruments ADC12DL080 Datasheet HTML 4Page - Texas Instruments ADC12DL080 Datasheet HTML 5Page - Texas Instruments ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5
signalpath.national.com/designer
SIGNAL PATH
designer
5
if the driving impedance is too high. If the driver
stage is an amplifier, it has to settle after each transi-
tion and prepare for the next sample. It must remain
stable with the changing capacitive load. The input is
sampled on every clock cycle, so an amplifier output
would have approximately half a clock cycle to settle,
which equates to 5 ns for a 100 MHz clock. If an
ADC driver is not used and the input signal has high
source impedance, then failure to properly match
that to the relatively low ADC-input impedance
can lead to inaccuracy and conversion errors. This
matching is a key function of the amplifier and chan-
nel-filter blocks. The amplifier provides the required
output drive to charge the ADC sample-and-hold
network, as well as enables other signal-conditioning
functions such as level-shifting of the input signal
into the range of the ADC input, and applying gain.
The filter between the amplifier and ADC limits the
noise bandwidth of the signal applied to the ADC,
which would otherwise be the full bandwidth of
the amplifier. It also isolates the capacitive load of
the ADC input from the amplifier to maintain
amplifier phase margin and stability, and attenuates
the transient-charging glitches on the ADC input
as the sample capacitance is switched. The filter
should be designed to present a high-enough load to
the amplifier to maximize amplifier-distortion
performance
while
presenting
low-enough
impedance at high frequencies to the ADC to
maximize the ADC’s performance.
ADC Input Structures and the Choice of Driver
ADC inputs may be single-ended or differential.
The single-ended input is most commonly found
on lower-speed and lower-resolution ADCs. It is
limited by susceptibility to noise, distortion, and
DC-offsets which lead to reduced accuracy and
system performance. The differential-input ADC
with complementary inputs provides immunity to
common-mode errors, such as the noise injected by
the sample-and-hold switching process since these
errors appear on both inputs and are subtracted.
Similarly, any even-order distortion such as the 2nd
harmonic distortion (HD2) created by mismatched
input impedances, or other asymmetry within
the signal path, is also subtracted. In a low-voltage
system where the undistorted signal swing is limited
by the operating headroom of active devices along
the signal path, a differential-analog signal enables
twice the low distortion-voltage swing compared to
a single-ended signal. Allowing for a 3 dB increase
in noise, a differential stage will net 3 dB of extra
SNR from the 6 dB extra signal power that a doubled
output swing provides. This improved SNR contributes
to improved Signal-to-Noise-and-Distortion (SINAD)
and SNR in the overall system.
For
the
single-ended-input
ADC,
Current
Feedback (CFB) amplifiers are well suited due
to their low distortion, high drive, and ability to
deliver wide bandwidth at higher gains. The non-
inverting-amplifier configuration (Figure 5a) has
the advantage of very-high-input impedance, which
is easy to match to any source-output impedance,
RS, by adding a matching termination resistor, RT.
By contrast, in Figure 5b, the input impedance,
RS, of the inverting amplifier is RG//RT, where RG’s
value interacts with RF in determining the gain.
RT is optional and the input source can be directly
matched to RG without RT. However, this can lead
to a non-optimum value of RF for a particular gain,
bandwidth, and gain flatness, especially in the case
QH
QS
QS
VIN+
VIN-
VOUT+
VOUT-
QS
QS
QS
QH
CH
CH
Source
VOUT to
ADC
RF
RG
RT
VIN
RS
(
) (
)
=
+
1 +
RF
RG
AV
RT
RS RT
Figure 4. Unbuffered ADC input sample and hold
Figure 5a. Non-inverting single-ended amplifier
SignalPathDesigner.indd 5
SignalPathDesigner.indd 5
9/5/07 3:24:33 PM
9/5/07 3:24:33 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com