Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0442011 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0442011
Description  Ground terminal block with screw connection, cross section
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0442011 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0442011 Datasheet HTML 1Page - PHOENIX CONTACT 0442011 Datasheet HTML 2Page - PHOENIX CONTACT 0442011 Datasheet HTML 3Page - PHOENIX CONTACT 0442011 Datasheet HTML 4Page - PHOENIX CONTACT 0442011 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0442011
14.05.2012   Page 4 / 5
Ground modular terminal block - USLKG 10 - 0442011
Approvals
BV 
DNV 
RS 
PRS 
NK 
GOST 
cULus Recognized 
Accessories
Accessories
Assembly
DIN rail - NS 32 AL UNPERF 2000MM - 1201028
G rail 32 mm (NS 32)
 
 
DIN rail - NS 32 UNPERF 2000MM - 1201015
G-profile DIN rail, material: Steel, unperforated, height 15 mm, width 32 mm, length 2 m
 
 
DIN rail - NS 32 PERF 2000MM - 1201002
G-profile DIN rail, material: Steel, perforated, height 15 mm, width 32 mm, length 2 m
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com