Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0442011 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0442011
Description  Ground terminal block with screw connection, cross section
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0442011 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0442011 Datasheet HTML 1Page - PHOENIX CONTACT 0442011 Datasheet HTML 2Page - PHOENIX CONTACT 0442011 Datasheet HTML 3Page - PHOENIX CONTACT 0442011 Datasheet HTML 4Page - PHOENIX CONTACT 0442011 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0442011
14.05.2012   Page 1 / 5
Ground modular terminal block - USLKG 10 - 0442011
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ground terminal block with screw connection, cross section: 0.5 - 6 mm², AWG: 20 - 8, width: 8.2
mm, color: green-yellow
Product description
Ground terminal block with screw connection, cross section: 0.5 - 6 mm², AWG: 20 - 8, width: 8.2 mm, color: green-yellow
Key commercial data
Packing unit
1
Minimum order quantity
50
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
29.09 GRM
Country of origin
GERMANY
Technical data
General
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
8.2 mm
Length
42.5 mm
Height NS 35/7.5
47 mm
Height NS 35/15
54.5 mm
Height NS 32
52 mm
Technical data
Rated surge voltage
8 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-2


Similar Part No. - 0442011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0442024 PHOENIX-0442024 Datasheet
59Kb / 4P
Ground terminal block with screw connection, cross section
logo
Molex Electronics Ltd.
0442060001 MOLEX6-0442060001 Datasheet
133Kb / 3P
4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, with 11.90mm (.469") Locking Ramp, 24 Circuits, with Both Snap-in Platistic Pegs
0442060001 MOLEX1-0442060001_18 Datasheet
49Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, with 11.90mm Locking Ramp, 24 Circuits
0442060002 MOLEX6-0442060002 Datasheet
133Kb / 3P
4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, with 11.90mm (.469")Locking Ramp, 24 Circuits, without Snap-in Platistic Pegs
0442060002 MOLEX1-0442060002_18 Datasheet
49Kb / 2P
Mini-Fit Jr. Header, Dual Row, Vertical, with 11.90mm Locking Ramp, 24 Circuits
More results

Similar Description - 0442011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441012 PHOENIX-0441012 Datasheet
83Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441025 PHOENIX-0441025 Datasheet
69Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441083 PHOENIX-0441083 Datasheet
92Kb / 7P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441517 PHOENIX-0441517 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0442024 PHOENIX-0442024 Datasheet
59Kb / 4P
Ground terminal block with screw connection, cross section
0442079 PHOENIX-0442079 Datasheet
91Kb / 8P
Ground modular terminal block, Connection method: Screw connection, Cross section
0442082 PHOENIX-0442082 Datasheet
64Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
0443065 PHOENIX-0443065 Datasheet
77Kb / 5P
Ground modular terminal block, Screw connection, Cross section
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
0441041 PHOENIX-0441041 Datasheet
84Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com