Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801P-R-ST Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2801P-R-ST
Description  Multimode CATV VSB/AM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2801P-R-ST Datasheet(HTML) 1 Page - Emcore Corporation

  2801P-R-ST Datasheet HTML 1Page - Emcore Corporation 2801P-R-ST Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Features
Able to Transmit up to 5 CATV Channels
Over One Multimode Fiber
Supports Transmission of Sub-Band,
Low-Band, FM, Mid-Band, and High-
Band Channels, Adding Flexibility to the
System.
Plug-and-Play Design Assures Easy
Installation
The Most Comprehensive Product of its
Type Available in the Industry.
Ideal for Small Corporate TV Video
Distribution, Campus Media Retrieval
Systems, Tele-Conferencing
Applications, or as a Return Path
Transmitter for Larger Video Systems.
Model 2801 PRO 5 Channel Multimode CATV VSB/AM
The Model 2801 PRO 5 Channel CATV VSB/AM video link provides a high-quality
system for transporting five video channels over multimode fiber with complete
EMI immunity. The use of state-of-the-art 1300 nm LEDs and PIN detectors
allows Model 2801 PRO to operate at exceptional performance levels. The link
offers excellent analog bandwidth that ranges from 5 to 350 MHz, allowing
transmission of all sub-band, low-band, FM, mid-band, and high-band channels.
This system also offers excellent performance at lower channel loadings. The
Model 2801 PRO provides an inexpensive option for transmitting high-quality
video, making it an obvious choice for video delivery services using multimode
fiber.
5 Channel Multimode Transmitter & Receiver Part Numbers
Description
Part Number
Stand-Alone Transmitter, 1300 nm, ST Optical Connector
2801P-T-1310-ST
Stand.-Alone Receiver, 1300 nm, ST Optical Connector
2801P-R-ST
Note: Power supply part number PS095 included.
Accessory Part Numbers
Description
Part Number
Transmitter Stand-Alone Power Supply, +9 Volts DC
PS095
Receiver Stand-Alone Power Supply, +9 Volts DC
PS095
Model 2801 PRO
2801 PRO
Transmitter
2801 PRO
Receiver
Multimode
Fiber
RF In (5-350 MHz)
RF Out (5-350 MHz)


Similar Part No. - 2801P-R-ST

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2801P-R-ST EMCORE-2801P-R-ST Datasheet
103Kb / 2P
Multimode CATV Transport
2801P-R-ST EMCORE-2801P-R-ST Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
More results

Similar Description - 2801P-R-ST

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
VSB Receiver
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
VSB/QAM Receiver
logo
Emcore Corporation
2801P-T-1310-ST EMCORE-2801P-T-1310-ST Datasheet
103Kb / 2P
Multimode CATV Transport
logo
CML Microcircuits
FX204 CMLMICRO-FX204 Datasheet
451Kb / 10P
VSB Frequency Inverter
FX214 CMLMICRO-FX214 Datasheet
7Mb / 10P
VSB Audio Scrambler
logo
Emcore Corporation
2802P-T-1310-FA EMCORE-2802P-T-1310-FA_12 Datasheet
252Kb / 2P
10 Channel Singlemode CATV VSB/AM
2801P-T-1310-ST EMCORE-2801P-T-1310-ST_13 Datasheet
159Kb / 2P
2801 PRO 5 Channel Multimode CATV VSB/AM Video Link
2802P-T-1310-FA EMCORE-2802P-T-1310-FA_13 Datasheet
179Kb / 2P
2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
2802 EMCORE-2802_16 Datasheet
88Kb / 2P
CATV VSB/AM Video Link
2801 EMCORE-2801_16 Datasheet
154Kb / 2P
CATV VSB/AM Video Link
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com