Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801P-R-ST Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2801P-R-ST
Description  Multimode CATV VSB/AM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2801P-R-ST Datasheet(HTML) 2 Page - Emcore Corporation

  2801P-R-ST Datasheet HTML 1Page - Emcore Corporation 2801P-R-ST Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
RF and Optical Characteristics
Parameter
Min
Typ
Max
Units
Operating Wavelength
1290
1300
1330
nm
Lower Bandwidth
-
2
5
MHz
Upper Bandwidth
350
400
-
MHz
Optical Output Power
-8.0
-7.0
-6.0
dBm
Optical Loss Range
0
-
9
dB
RF Impedance
-
75
-
Ohms
Carrier-to-Noise Ratio
See Graph
dB
System performance specifications indicated for use with 62.5/125 µm multimode fiber.
Electrical Characteristics
Parameter
Min
Typ
Max
Units
Transmitter Power Supply Voltage
+9.0
-
+11.0
VDC
Receiver Power Supply Voltage
+9.0
-
+11.0
VDC
Transmitter Power Supply Current
-
250
270
mA
Receiver Power Supply Current
-
100
110
mA
Physical Characteristics
Parameter
Min
Typ
Max
Units
Weight
-
6
170
-
oz.
g
Dimensions
-
3.75 x 2.95 x
1.12
95 x 75 x 29
-
in.
mm
Environmental Characteristics
Parameter
Min
Typ
Max
Units
Operating Temperature Range
+10
-
+45
OC
Storage Temperature Range
-20
-
+70
OC
Relative Humidity
10
-
95
%
Model 2801 PRO
Carrier-to-Noise Performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com