Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2804TL-SCAP/13 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2804TL-SCAP/13
Description  110 Channel CATV Professional Distribution System (PDS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2804TL-SCAP/13 Datasheet(HTML) 1 Page - Emcore Corporation

  2804TL-SCAP/13 Datasheet HTML 1Page - Emcore Corporation 2804TL-SCAP/13 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Features
Transmits up to 110 Channels Over One
Singlemode Fiber at 1310 nm.
VSB/AM Transmission Ensures
Compatibility with Standard CATV
Modulators, Processors, etc.
The Transmitter Includes a 7-Segment
Display and Other Indicator LED’s that
Allow Critical System parameters to be
Accurately Monitored.
An Intergral -20 dB RF Test Port
Simplifies Installation, Commissioning,
and Troubleshooting.
Key Lock Power Switch Prevents
Accidental Power-Down.
Multiple Laser Output Power Options
Provide Complete System Design
Flexibility.
Excellent for Medium to Large Campus
Video Distribrution Systems.
+13 dBm Optical Output Power Supports
Links beyond 20 km.
The Model 2804 110 Channel CATV PDS transmitter is part of a robust system for
transporting up to 110 Channels of VSB/AM modulated signals over a singlemode optical
fiber. The system is also suitable for transporting 80 CATV channels along with 30 digital
QAM channels in the upper frequency range. The Model 2804 provides 40-870 MHz of
usable bandwidth for video signals stacked at 6 MHz intervals. A low loss singlemode fiber
allows full channel loading to beyond 20 km while maintaining a good carrier-to-noise ratio.
A key power lock ensures the transmitter cannot be accidentally turned off and a blue 7-
segment display allows the user to monitor a number of system parameters. A -20 dB RF
test port on the front panel provides a convenient means for installing, commissioning, and
troubleshooting the transmitter. The Model 2804 may be used with the Model 2807 mini-
node receiver for use in return path and multiple splitter applications or with the Model 2808
receiver for basic 110 channel CATV transmission. In all cases, the link provides excellent
performance for many demanding applications such as broadband LANs, distance learning,
and multiple data services.
110 Channel Transmitter Part Numbers
Description
Part Number (SC/APC
Optical Connector)
Part Number (FC/APC
Optical Connector
1RU Transmitter, +6 dBm Optical
Output Power
2804TH-SCSP/06
2804TH-SCAP/06
1RU Transmitter, +8 dBm Optical
Output Power
2804TH-SCSP/08
2804TH-SCAP/08
1RU Transmitter, +10 dBm
Optical Output Power
2804TJ-SCSP/10
2804TJ-SCAP/10
1RU Transmitter, +12 dBm
Optical Output Power
2804TK-SCSP/12
2804TK-SCAP/12
1RU Transmitter, +13 dBm
Optical Output Power
2804TL-SCSP/13
2804TL-SCAP/13
Model 2804
110 Channel CATV Professional Distribution System (PDS)


Similar Part No. - 2804TL-SCAP/13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2804TL-SCAP13 EMCORE-2804TL-SCAP13 Datasheet
193Kb / 2P
2804 110 Channel CATV Professional Distribution System (PDS)
More results

Similar Description - 2804TL-SCAP/13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW7182A MOTOROLA-MHW7182A Datasheet
53Kb / 2P
110-Channel 750 MHz CATV Amplifier
MHW7242 MOTOROLA-MHW7242 Datasheet
46Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272 MOTOROLA-MHW7272 Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
MHW7272A MOTOROLA-MHW7272A Datasheet
53Kb / 2P
27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
logo
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
110 Channel CATV Private Network Solution (PNS)
2808 EMCORE-2808 Datasheet
301Kb / 2P
110 Channel CATV Optical Receiver
2804TH-SCSP06 EMCORE-2804TH-SCSP06 Datasheet
193Kb / 2P
2804 110 Channel CATV Professional Distribution System (PDS)
2805TD-SCSP EMCORE-2805TD-SCSP_13 Datasheet
190Kb / 2P
2805 110 Channel CATV Private Network Solution (PNS)
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
2808 110 Channel CATV Optical Receiver
logo
PHOENIX CONTACT
2522 PHOENIX-2522 Datasheet
185Kb / 3P
VARIOFACE Professional for power distribution
05/2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com