Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2990P-R-SA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2990P-R-SA
Description  DBS L-Band Transport
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2990P-R-SA Datasheet(HTML) 1 Page - Emcore Corporation

  2990P-R-SA Datasheet HTML 1Page - Emcore Corporation 2990P-R-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2990 PRO
DBS L-Band Transport
Features
Applications
Frequency 950-2200 MHz
LNB power uses current limiting technology
Selectable LNB voltage, +13V, Off and +17V
Rugged stand-alone enclosure
Optical loss budget in excess of 9 dB
The Model 2990 PRO L-Band Satellite Transport System pro-
vides an economical solution for transporting digital signals
for numerous satellite distribution applications, including
headend relocation, and distribution of digital broadcast sys-
tems (DBS). The system utilizes a cost-effective coax cabling
configuration to distribute the RF signals from the dish to
the transmitter and from the receiver to the headend.
Copyright® 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
Copyright© 2010 Emcore Corporation
626 293 3400
626 293 3428
satcom-sales@emcore.com
www.emcore.com
Small corporate TV video distribution
Campus media retrieval systems
Teleconferencing
Return path transmitter for larger video
systems.
SATCOM
RF OUTPUT TO
APARTMENT
WITH LOW-
POWER 2990 Tx
RF SPLITTER
OUTPUT TO
APARTMENT:
UP TO 24 PER
SPLITTER
RF SPLITTER
OUTPUT TO
APARTMENT:
UP TO 24 PER
SPLITTER
2990PRO Rx
2990PRO Rx
2990PRO Rx
RF
OUT
OPT
IN
RF
OUT
BROADBAND
DISTRIBUTION
AMPLIFIER
1 X 24 RF
SPLITTER
BROADBAND
DISTRIBUTION
AMPLIFIER
1 X 24 RF
SPLITTER
OPT
IN
RF
OUT
BROADBAND
DISTRIBUTION
AMPLIFIER
1 X 24 RF
SPLITTER
OPT
IN
2990PRO Tx
SATELLITE
LNB OUTPUTS
TO Tx RF INPUTS
VIA COAX CABLE
SET TOP
Rx
200' MAX.
200' MAX.
27
SET TOP
Rx
33
SET TOP
Rx
05
RF
IN
OPT
OUT
1 x N FIBER OPTIC
SPLITTER
200' MAX.
LNB Power
Typical MDU Application
The single-mode optical fiber between the 2990PRO transmitter and receiver
allows transmission distances to 35 km at 1310 nm. Furthermore, using LNB
power from the transmitter decreases the need for additional equipment at the
dish site. RF alarm and indicator LEDs allow for a quick assessment of the link’s
operational status. The Model 2990PRO L-Band Transport System, whether used
in an antenna remoting application or
in a satellite distribution role, provides for transmission of the entire DBS spec-
trum in a simplified, flexible installation environment at one of the lowest costs
found in today’s market.


Similar Part No. - 2990P-R-SA

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2990P CML-2990P Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P1-12V CML-2990P1-12V Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P1-28V CML-2990P1-28V Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P3-12V CML-2990P3-12V Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P3-28V CML-2990P3-28V Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
More results

Similar Description - 2990P-R-SA

ManufacturerPart #DatasheetDescription
logo
NEC
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
L-BAND SPDT SWITCH
logo
Hynix Semiconductor
GDC21D301A HYNIX-GDC21D301A Datasheet
861Kb / 35P
Transport Decoder
logo
fujitsu semiconductor
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
SDH TRANSPORT
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
MMIC X/Ku-Band DBS Downconverter
logo
Communications & Power ...
VTU-6397D4X CPI-VTU-6397D4X Datasheet
89Kb / 1P
500W DBS-Band Helix TWT Series
logo
Emcore Corporation
3000TA-NNSP EMCORE-3000TA-NNSP Datasheet
2Mb / 2P
Long Range L-Band Transport
logo
Communications & Power ...
VTU-6398S1 CPI-VTU-6398S1 Datasheet
101Kb / 1P
750 W, DBS-Band Helix TWT Series
logo
United Monolithic Semic...
CHZ180A-SEB UMS-CHZ180A-SEB Datasheet
894Kb / 14P
180W L-Band HPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com