Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484EP Datasheet(PDF) 8 Page - Analog Devices

Part # OP484EP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484EP Datasheet(HTML) 8 Page - Analog Devices

Back Button OP484EP Datasheet HTML 4Page - Analog Devices OP484EP Datasheet HTML 5Page - Analog Devices OP484EP Datasheet HTML 6Page - Analog Devices OP484EP Datasheet HTML 7Page - Analog Devices OP484EP Datasheet HTML 8Page - Analog Devices OP484EP Datasheet HTML 9Page - Analog Devices OP484EP Datasheet HTML 10Page - Analog Devices OP484EP Datasheet HTML 11Page - Analog Devices OP484EP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = +5V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 20. Output Impedance vs.
Frequency
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = ±15V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 21. Output Impedance vs.
Frequency
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = +3V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 22. Output Impedance vs.
Frequency
FREQUENCY – Hz
3
1k
4
5
2
0
10k
100k
1M
10M
1
VS = +5V
VIN = 0.5–4.5V
RL = 2kΩ
TA = +25°C
Figure 23. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
20
1k
25
30
15
5
0
10k
100k
1M
10M
10
VS = ±15V
VIN = ±14V
RL = 2kΩ
TA = +25°C
Figure 24. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
120
100
140
180
80
–20
1k
100k
10M
40
20
0
60
100
160
10k
1M
VS = ±15V
VS = +5V
TA = +25°C
VS = +3V
Figure 25. CMRR vs. Frequency
FREQUENCY – Hz
100
100
120
160
60
–40
1k
100k
10M
20
TA = +25°C
0
–20
40
80
140
10k
1M
VS = ±15V
VS = +5V
VS = +3V
Figure 26. PSRR vs. Frequency
CAPACITIVE LOAD – pF
80
70
0
10
100
1000
60
50
40
30
20
10
–OS
+OS
VS = ±2.5V
TA = +25°C, AVCL = 1
VIN = ±50mV
Figure 27. Small Signal Overshoot
vs. Capacitive Load
TEMPERATURE –
°C
7
0
–50
125
–25
0
75
100
6
3
2
1
5
4
25
50
+SLEW RATE
–SLEW RATE
VS = ±15V
RL = 2kΩ
VS = +5V
RL = 2kΩ
+SLEW RATE
–SLEW RATE
Figure 28. Slew Rate vs. Temperature
REV. 0
–8–
OP184/OP284/OP484–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com