Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP484EP Datasheet(PDF) 12 Page - Analog Devices

Part # OP484EP
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484EP Datasheet(HTML) 12 Page - Analog Devices

Back Button OP484EP Datasheet HTML 8Page - Analog Devices OP484EP Datasheet HTML 9Page - Analog Devices OP484EP Datasheet HTML 10Page - Analog Devices OP484EP Datasheet HTML 11Page - Analog Devices OP484EP Datasheet HTML 12Page - Analog Devices OP484EP Datasheet HTML 13Page - Analog Devices OP484EP Datasheet HTML 14Page - Analog Devices OP484EP Datasheet HTML 15Page - Analog Devices OP484EP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
–12–
OP184/OP284/OP484
Referring to the op amp noise model circuit configuration illus-
trated in Figure 45, the expression for an amplifier’s total
equivalent input noise voltage for a source resistance level RS is
given by:
enT = 2 enR
()2 + i
nOA × R
()2
[]+ e
nOA
()2, units in V
Hz
where RS = 2R = Effective, or equivalent, circuit source
resistance,
(enOA)
2 = Op amp equivalent input noise voltage spectral
power (1 Hz BW),
(inOA)
2 = Op amp equivalent input noise current spectral
power (1 Hz BW),
(enR)
2 = Source resistance thermal noise voltage power =
(4kTR),
k = Boltzmann’s constant = 1.38
× 10–23 J/K, and
T = Ambient temperature of the circuit, in Kelvin, =
273.15 + TA (°C)
i NOA
eNR
eNOA
R
"NOISELESS"
i NOA
eNR
R
"NOISELESS"
IDEAL
NOISELESS
OP AMP
RS = 2R
Figure 45. Op Amp Noise Circuit Model Used to
Determine Total Circuit Equivalent Input Noise Voltage
and Noise Figure
As a design aid, Figure 46 illustrates the total equivalent input
noise of the OP284 and the total thermal noise of a resistor for
comparison. Note that for source resistance less than 1 k
Ω, the
equivalent input noise voltage of the OP284 is dominant.
TOTAL SOURCE RESISTANCE, RS – Ω
100
100
1k
10k
100k
10
1
OP284 TOTAL
EQUIVALENT NOISE
RESISTOR THERMAL
NOISE ONLY
FREQUENCY = 1kHz
TA = +25°C
Figure 46. OP284 Total Noise vs. Source Resistance
Since circuit SNR is the critical parameter in the final analysis,
the noise behavior of a circuit is often expressed in terms of its
noise figure, NF. Noise figure is defined as the ratio of a
circuit’s output signal-to-noise to its input signal-to-noise. An
expression of a circuit’s NF in dB, and in terms of the opera-
tional amplifier’s voltage and current noise parameters defined
previously, is given by:
NF (dB)
= 10 log 1+
enOA
()2 + i
nOA RS
()2
enRS
()2


where NF (dB) = Noise figure of the circuit, expressed in dB,
RS = Effective, or equivalent, source resistance presented
to amplifier,
(enOA)
2 = OP284 noise voltage spectral power (1 Hz BW),
(inOA)
2 = OP284 noise current spectral power (1 Hz BW),
(enRS)
2 = Source resistance thermal noise voltage power
= (4kTRS),
Circuit noise figure is straightforward to calculate because the
signal level in the application is not required to determine it.
However, many designers using NF calculations as the basis for
achieving optimum SNR believe that low noise figure is equal to
low total noise. In fact, the opposite is true, as illustrated in
Figure 47. Here, the noise figure of the OP284 is expressed as a
function of the source resistance level. Note that the lowest
noise figure for the OP284 occurs at a source resistance level of
10 k
Ω. However, Figure 46 shows that this source resistance
level and the OP284 generate approximately 14 nV/
√Hz of total
equivalent circuit noise. Signal levels in the application would
invariably be increased to maximize circuit SNR—not an option
in low voltage, single supply applications.
TOTAL SOURCE RESISTANCE, RS – Ω
6
100
1k
10k
100k
4
2
0
9
10
8
7
5
3
1
FREQUENCY = 1kHz
TA = +25°C
Figure 47. OP284 Noise Figure vs. Source Resistance
In single supply applications, therefore, it is recommended for
optimum circuit SNR to choose an operational amplifier with
the lowest equivalent input noise voltage and to choose source
resistance levels consistent in maintaining low total circuit noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com