Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 7 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP181/OP281/OP481
–7–
REV. 0
FREQUENCY – Hz
70
60
–30
100
1k
1M
10k
100k
20
50
40
30
10
0
–10
–20
VS = +5V
TA = +25 C
RL = 100kΩ
90
0
45
135
180
225
270
Figure 10. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
70
60
–30
100
1k
1M
10k
100k
20
50
40
30
10
0
–10
–20
VS = ±5V
TA = +25 C
RL = 100kΩ TO GROUND
90
0
45
135
180
225
270
Figure 13. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
1k
10k
10M
100k
1M
90
80
–10
70
60
50
40
30
20
10
0
TA = +25 C
VS = ±5V
VS = +5V
VS = +3V
Figure 16. CMRR vs. Frequency
FREQUENCY – Hz
70
60
–30
100
1k
1M
10k
100k
20
50
40
30
10
0
–10
–20
VS = +2.7V
TA = +25 C
RL = 100kΩ
90
0
45
135
180
225
270
Figure 12. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
VS = +5V
TA = +25 C
MARKER @ 67nV/
√Hz
0
2k
4k6k8k
10k
Figure 15. Voltage Noise Density vs.
Frequency
CAPACITANCE – pF
50
45
0
10
100
1000
40
35
30
25
20
15
10
5
VS = +5V
VIN = ±50mV
RL = 100kΩ
TA = +25 C
–OS
+OS
Figure 18. Small Signal Overshoot vs.
Load Capacitance
FREQUENCY – Hz
70
60
–30
100
1k
1M
10k
100k
20
50
40
30
10
0
–10
–20
VS = +3V
TA = +25 C
RL = 100kΩ
90
0
45
135
180
225
270
Figure 11. Open-Loop Gain and Phase
vs. Frequency
FREQUENCY – Hz
10
100
1M
1k
10k
100k
60
50
–40
40
30
20
10
0
–10
–20
–30
VS = +5V
TA = +25 C
RL = INFINITE
Figure 14. Closed-Loop Gain vs.
Frequency
FREQUENCY – Hz
10
100
1M
1k
10k
100k
160
140
–40
120
100
80
60
40
20
0
–20
VS = ±5V, +5V, +3V, +2.7V
TA = +25 C
RL = INFINITE
Figure 17. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com