Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 12 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices OP481 Datasheet HTML 13Page - Analog Devices OP481 Datasheet HTML 14Page - Analog Devices OP481 Datasheet HTML 15Page - Analog Devices OP481 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP181/OP281/OP481
–12–
REV. 0
A1
R1
R2
+3V
OP281-A
VIN
2k
Ω
5.1k
Ω
+3V
+3V
VOUT
Q1
5.1k
Ω
VH
D1
10k
Ω
A2
R3
R4
+3V
+3V
VL
D2
OP281-B
Figure 39. Using the OP281 as a Window Comparator
The threshold limits for the window are set by VH and VL,
provided that VH > VL. The output of A1 will stay at the
negative rail, in this case ground, as long as the input voltage is
less than VH. Similarly, the output of A2 will stay at ground as
long the input voltage is higher than VL. As long as VIN remains
between VL and VH, the outputs of both op amps will be 0 V.
With no current flowing in either D1 or D2, the base of Q1 will
stay at ground, putting the transistor in cutoff and forcing VOUT
to the positive supply rail. If the input voltage rises above VH,
the output of A2 stays at ground, but the output of A1 will go to
the positive rail, and D1 will conduct current. This creates a
base voltage that will turn on Q1 and drive VOUT low. The same
condition occurs if VIN falls below VL with A2’s output going
high, and D2 conducting current. Therefore, VOUT will be high
if the input voltage is between VL and VH, and VOUT will be low
if the input voltage moves outside of that range.
The R1 and R2 voltage divider sets the upper window voltage,
and the R3 and R4 voltage divider sets the lower voltage for the
window. For the window comparator to function properly, VH
must be a greater voltage than VL.
VH =
R2
R1
+ R2
VL =
R4
R3
+ R4
The 2 k
Ω resistor connects the input voltage to the input termi-
nals to the op amps. This protects the OP281 from possible
excess current flowing into the input stages of the devices. D1
and D2 are small-signal switching diodes (1N4446 or equiva-
lent), and Q1 is a 2N2222 or equivalent NPN transistor.
A Low-Side Current Monitor
In the design of power supply control circuits, a great deal of
design effort is focused on ensuring a pass transistor’s long-term
reliability over a wide range of load current conditions. As a
result, monitoring and limiting device power dissipation is of
prime importance in these designs. Figure 40 shows an example
of a +5 V, single-supply current monitor that can be incorpo-
rated into the design of a voltage regulator with fold-back
current limiting or a high current power supply with crowbar
protection. The design capitalizes on the OP181’s common-
mode range that extends to ground. Current is monitored in the
power supply return path where a 0.1
Ω shunt resistor, R
SENSE,
creates a very small voltage drop. The voltage at the inverting
terminal becomes equal to the voltage at the noninverting
terminal through the feedback of Q1, which is a 2N2222 or
equivalent NPN transistor. This makes the voltage drop across
R1 equal to the voltage drop across RSENSE. Therefore, the
current through Q1 becomes directly proportional to the current
through RSENSE, and the output voltage is given by:
VOUT = VEE −
R2
R1
× R
SENSE × I L


The voltage drop across R2 increases with IL increasing, so
VOUT decreases with higher supply current being sensed. For
the element values shown, the VOUT transfer characteristic is
–2.5 V/A, decreasing from VEE.
+5V
RETURN TO
GROUND
OP181
+5V
R2
2.49k
Ω
VOUT
R1
100
Ω
0.1
Ω
RSENSE
Q1
Figure 40. A Low-Side Load Current Monitor
Low Voltage Half-Wave and Full-Wave Rectifiers
Because of its quick overdrive recovery time, an OP281 can be
configured as a full-wave rectifier for low frequency (<500 Hz)
applications. Figure 41 shows the schematic.
+3V
OP281-A
VIN = 2V p-p
2k
Ω
A1
+3V
OP281-B
A2
R1 = 100k
Ω
R2 = 100k
Ω
FULL-WAVE
RECTIFIED
OUTPUT
HALF-WAVE
RECTIFIED
OUTPUT
Figure 41. Single Supply Full- and Half-Wave Rectifiers
Using an OP281
10
0%
100
90
SCALE 0.1V/DIV
SCALE 0.1ms/DIV
Figure 42. Full-Wave Rectified Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com