Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP191 Datasheet(PDF) 13 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP191 Datasheet HTML 9Page - Analog Devices OP191 Datasheet HTML 10Page - Analog Devices OP191 Datasheet HTML 11Page - Analog Devices OP191 Datasheet HTML 12Page - Analog Devices OP191 Datasheet HTML 13Page - Analog Devices OP191 Datasheet HTML 14Page - Analog Devices OP191 Datasheet HTML 15Page - Analog Devices OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OP191/OP291/OP491
REV. 0
–13–
2mA
1mA
–1mA
–2mA
–5V
–10V
10V
5V
I
IN
V
IN
Figure 56. Input Overvoltage Characteristics
This input current is not inherently damaging to the device as
long as it is limited to 5 mA or less. In the case shown, for an
input of 10 V over the supply, the current is limited to 1.8 mA.
If the voltage is large enough to cause more than 5 mA of
current to flow, then an external series resistor should be added.
The size of this resistor is calculated by dividing the maximum
overvoltage by 5 mA and subtracting the internal 5 k
Ω resistor.
For example, if the input voltage could reach 100 V, the external
resistor should be (100 V/5 mA) –5 k = 15 k
Ω. This resistance
should be placed in series with either or both inputs if they are
subjected to the overvoltages. For more information on general
overvoltage characteristics of amplifiers refer to the 1993 System
Applications Guide, available from the Analog Devices Literature
Center.
Output Voltage Phase Reversal
Some operational amplifiers designed for single-supply
operation exhibit an output voltage phase reversal when their
inputs are driven beyond their useful common-mode range.
Typically for single-supply bipolar op amps, the negative supply
1/2
OP291
–5V
+5V
V
OUT
V
IN
20Vp-p
3
2
8
4
1
10
90
100
0%
TIME – 200
µs/DIV
10
90
100
0%
20mV
5
µs
20mV
5
µs
TIME – 200
µs/DIV
Figure 57. Output Voltage Phase Reversal Behavior
determines the lower limit of their common-mode range. With
these devices, external clamping diodes, with the anode
connected to ground and the cathode to the inputs, prevent
input signal excursions from exceeding the device’s negative
supply (i.e., GND), preventing a condition which could cause
the output voltage to change phase. JFET-input amplifiers may
also exhibit phase reversal, and, if so, a series input resistor is
usually required to prevent it.
The OP191 family is free from reasonable input voltage range
restrictions due to its novel input structure. In fact, the input
signal can exceed the supply voltage by a significant amount
without causing damage to the device. As illustrated in Figure
57, the OP191 family can safely handle a 20 V p-p input signal
on
±5 V supplies without exhibiting any sign of output voltage
phase reversal or other anomalous behavior. Thus no external
clamping diodes are required.
Overdrive Recovery
The overdrive recovery time of an operational amplifier is the
time required for the output voltage to recover to its linear
region from a saturated condition. This recovery time is
important in applications where the amplifier must recover
quickly after a large transient event, such as a comparator. The
circuit shown in Figure 58 was used to evaluate the OP191
family’s overload recovery time. The OP191 family takes
approximately 8
µs to recover from positive saturation and
approximately 6.5
µs to recover from negative saturation.
1/2
OP291
V
OUT
3
2
1
R1
9k
Ω
R2
10k
Ω
R3
10k
Ω
V
S = ±5V
V
IN
10V STEP
Figure 58. Overdrive Recovery Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com