Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP191 Datasheet(PDF) 14 Page - Analog Devices

Part # OP191
Description  Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP191 Datasheet HTML 10Page - Analog Devices OP191 Datasheet HTML 11Page - Analog Devices OP191 Datasheet HTML 12Page - Analog Devices OP191 Datasheet HTML 13Page - Analog Devices OP191 Datasheet HTML 14Page - Analog Devices OP191 Datasheet HTML 15Page - Analog Devices OP191 Datasheet HTML 16Page - Analog Devices OP191 Datasheet HTML 17Page - Analog Devices OP191 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OP191/OP291/OP491
REV. 0
–14–
Single Supply RTD Amplifier
The circuit in Figure 60 uses three op amps of the OP491 to
develop a bridge configuration for an RTD amplifier that
operates from a single +5 V supply. The circuit takes advantage
of the OP491’s wide output swing range to generate a high
bridge excitation voltage of 3.9 V. In fact, because of the rail-
to-rail output swing, this circuit will work with supplies as low
as 4.0 V. Amplifier A1 servos the bridge to create a constant
excitation current in conjunction with the AD589, a 1.235 V
precision reference. The op amp maintains the reference
voltage across the parallel combination of the 6.19 k
Ω and 2.55
M
Ω resistor, which generates a 200 µA current source. This
current splits evenly and flows through both halves of the
bridge. Thus, 100
µA flows through the RTD to generate an
output voltage based on its resistance. A 3-wire RTD is used to
balance the line resistance in both 100
Ω legs of the bridge to
improve accuracy.
1/4
OP491
V
OUT
365
365
1/4
OP491
100k
Ω
0.01pF
A3
+5V
GAIN = 274
100k
Ω
1/4
OP491
37.4k
+5V
AD589
2.55M
6.19k
200
Ω
10-TURNS
26.7k
26.7k
A2
A1
100
Ω
100
Ω
RTD
NOTE:
ALL RESISTORS 1% OR BETTER
Figure 60. Single Supply RTD Amplifier
Amplifiers A2 and A3 are configured in the two op amp IA
discussed above. Their resistors are chosen to produce a gain of
274, such that each 1
°C increase in temperature results in a
10 mV change in the output voltage, for ease of measurement.
A 0.01
µF capacitor is included in parallel with the 100 kΩ
resistor on amplifier A3 to filter out any unwanted noise from
this high gain circuit. This particular RC combination creates a
pole at 1.6 kHz.
APPLICATIONS
Single +3 V Supply, Instrumentation Amplifier
The OP291’s low supply current and low voltage operation
make it ideal for battery powered applications such as the
instrumentation amplifier shown in Figure 59. The circuit
utilizes the classic two op amp instrumentation amplifier
topology, with four resistors to set the gain. The equation is
simply that of a noninverting amplifier as shown in the figure.
The two resistors labeled R1 should be closely matched to each
other as well as both resistors labeled R2 to ensure good
common-mode rejection performance. Resistor networks
ensure the closest matching as well as matched drifts for good
temperature stability. Capacitor C1 is included to limit the
bandwidth and, therefore, the noise in sensitive applications.
The value of this capacitor should be adjusted depending on the
desired closed-loop bandwidth of the instrumentation amplifier.
The RC combination creates a pole at a frequency equal to
1/(2
π × R1C1). If AC-CMRR is critical, than a matched
capacitor to C1 should be included across the second resistor
labeled R1.
1/2
OP291
V
OUT
3
2
1
R1
R2
R2
1/2
OP291
5
6
7
R1
C1
100pF
V
IN
8
4
+3V
V
OUT = (1 + ––– ) VIN
R1
R2
Figure 59. Single +3 V Supply Instrumentation Amplifier
Because the OP291 accepts rail-to-rail inputs, the input
common-mode range includes both ground and the positive
supply of 3 V. Furthermore, the rail-to-rail output range
ensures the widest signal range possible and maximizes the
dynamic range of the system. Also, with its low supply current
of 300
µA/device, this circuit consumes a quiescent current of
only 600
µA, yet still exhibits a gain bandwidth of 3 MHz.
A question may arise about other instrumentation amplifier
topologies for single supply applications. For example, a
variation on this topology adds a fifth resistor between the two
inverting inputs of the op amps for gain setting. While that
topology works well in dual supply applications, it is inherently
not appropriate for single supply circuits. The same could be
said for the traditional three op amp instrumentation amplifier.
In both cases, the circuits simply will not work in single supply
situations unless a false ground between the supplies is created.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com