Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GP Datasheet(PDF) 6 Page - Analog Devices

Part # OP481GP
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP481GP Datasheet HTML 2Page - Analog Devices OP481GP Datasheet HTML 3Page - Analog Devices OP481GP Datasheet HTML 4Page - Analog Devices OP481GP Datasheet HTML 5Page - Analog Devices OP481GP Datasheet HTML 6Page - Analog Devices OP481GP Datasheet HTML 7Page - Analog Devices OP481GP Datasheet HTML 8Page - Analog Devices OP481GP Datasheet HTML 9Page - Analog Devices OP481GP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4
0.6 0.8 1.0
INPUT OFFSET VOLTAGE – mV
45
40
0
20
15
10
5
35
25
30
VS = +2.7V
TA = +25 C
Figure 1. Input Offset Voltage
Distribution
TEMPERATURE – C
0
–3.5
–5.0
–40 –20
0
2040
6080
–0.5
–3.0
–4.0
–4.5
–1.0
–2.0
–1.5
–2.5
100 120
VS = +5V
Figure 4. Input Bias Current vs.
Temperature
LOAD CURRENT – µA
10,000
1,000
0.1
1
1000
10
100
100
10
1.0
SOURCE
SINK
VS = +3V
TA = +25 C
Figure 7. Output Voltage to Supply
Rail vs. Load Current
REV. 0
OP181/OP281/OP481–Typical Characteristics
–6–
INPUT OFFSET VOLTAGE – mV
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2 0.4
0.6 0.8 1.0
45
40
0
20
15
10
5
35
25
30
VS = +5V
TA = +25 C
50
Figure 2. Input Offset Voltage
Distribution
COMMON-MODE VOLTAGE – Volts
1.0
–2.0
–3.5
0.0
0.5 1.0 1.5 2.0 2.5 3.0
–1.5
–2.5
–3.0
0.5
–0.5
0.0
–1.0
3.5 4.0
VS = +5V
TA = +25 C
4.5 5.0
Figure 5. Input Bias Current vs.
Common-Mode Voltage
LOAD CURRENT – µA
1,000
0.1
1
1000
10
100
100
10
1.0
SOURCE
SINK
VS = +5V
TA = +25 C
Figure 8. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE – C
2000
600
0
–40 –20
0
2040
6080
1800
800
400
200
1600
1200
1400
1000
100 120
VS = +5V
Figure 3. Input Offset Voltage vs.
Temperature
TEMPERATURE – C
0.5
–0.1
–0.4
–40
–20
0
20
40
60
80
0
–0.2
–0.3
0.4
0.2
0.3
0.1
100 120
VS = +5V
Figure 6. Input Offset Current vs.
Temperature
LOAD CURRENT – µA
1,000
0.1
1
1000
10
100
100
10
1.0
SOURCE
SINK
VS = ±5V
TA = +25 C
Figure 9. Output Voltage to Supply
Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com