Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GP Datasheet(PDF) 1 Page - Analog Devices

Part # OP481GP
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GP Datasheet(HTML) 1 Page - Analog Devices

  OP481GP Datasheet HTML 1Page - Analog Devices OP481GP Datasheet HTML 2Page - Analog Devices OP481GP Datasheet HTML 3Page - Analog Devices OP481GP Datasheet HTML 4Page - Analog Devices OP481GP Datasheet HTML 5Page - Analog Devices OP481GP Datasheet HTML 6Page - Analog Devices OP481GP Datasheet HTML 7Page - Analog Devices OP481GP Datasheet HTML 8Page - Analog Devices OP481GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
OP181/OP281/OP481
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Ultralow Power, Rail-to-Rail Output
Operational Amplifiers
PIN CONFIGURATIONS
FEATURES
Low Supply Current: 4
A/Amplifier max
Single-Supply Operation: 2.7 V to 12 V
Wide Input Voltage Range
Rail-to-Rail Output Swing
Low Offset Voltage: 1.5 mV
No Phase Reversal
APPLICATIONS
Comparator
Battery Powered Instrumentation
Safety Monitoring
Remote Sensors
Low Voltage Strain Gage Amplifiers
GENERAL DESCRIPTION
The OP181, OP281 and OP481 are single, dual and quad
ultralow power, single-supply amplifiers featuring rail-to-rail
outputs. All operate from supplies as low as 2.0 V and are
specified at +3 V and +5 V single supply as well as
±5 V dual
supplies.
Fabricated on Analog Devices’ CBCMOS process, the OP181
family features a precision bipolar input and an output that
swings to within millivolts of the supplies and continues to sink
or source current all the way to the supplies.
Applications for these amplifiers include safety monitoring,
portable equipment, battery and power supply control, and
signal conditioning and interface for transducers in very low
power systems.
The output’s ability to swing rail-to-rail and not increase supply
current, when the output is driven to a supply voltage, enables
the OP181 family to be used as comparators in very low power
systems. This is enhanced by their fast saturation recovery time.
Propagation delays are 250
µs.
The OP181/OP281/OP481 are specified over the extended
industrial (–40
°C to +85°C) temperature range. The OP181,
single, and OP281, dual, amplifiers are available in 8-pin plastic
DIPs and SO surface mount packages. The OP281 is also
available in 8-lead TSSOP. The OP481 quad is available in 14-
pin DIPs, narrow 14-pin SO and TSSOP packages.
NC = NO CONNECT
8
7
6
5
1
2
3
4
NULL
V+
NULL
NC
OUT A
–IN A
+IN A
V–
OP181
NC = NO CONNECT
NULL
V+
NULL
NC
OUT A
–IN A
+IN A
V–
1
4
5
8
OP181
8-Lead SO
8-Lead Epoxy DIP
(S Suffix)
(P Suffix)
8
7
6
5
1
2
3
4
OP281
OUT A
V+
+IN B
–IN B
OUT B
–IN A
+IN A
V–
OUT A
V+
OUT B
–IN A
+IN A
V–
+IN B
–IN B
1
4
5
8
OP281
8-Lead SO
8-Lead Epoxy DIP
(S Suffix)
(P Suffix)
14-Lead Epoxy DIP
14-Lead
(P Suffix)
Narrow-Body SO
(S Suffix)
8-Lead TSSOP
(RU Suffix)
OP281
1
4
5
8
14
13
12
11
10
9
8
1
2
3
4
7
6
5
OUT A
V–
+IN D
–IN D
OUT D
–IN A
+IN A
V+
OUT C
–IN C
+IN C
+IN B
–IN B
OUT B
OP481
1
7
8
14
OP481
14-Lead TSSOP
(RU Suffix)
OP481
1
78
14
NOTE: PIN ORIENTATION IS EQUIVALENT FOR
EACH PACKAGE VARIATION


Similar Part No. - OP481GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP481GRU AD-OP481GRU Datasheet
963Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
3/03-Data Sheet changed from REV. A to REV. B.
OP481GRU-REEL AD-OP481GRU-REEL Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP481GRU-REEL AD-OP481GRU-REEL Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
OP481GRUZ-REEL AD-OP481GRUZ-REEL Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP481GRUZ-REEL AD-OP481GRUZ-REEL Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
More results

Similar Description - OP481GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP281 AD-OP281 Datasheet
963Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
3/03-Data Sheet changed from REV. A to REV. B.
OP281 AD-OP281_07 Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
Analog Devices
OP181 AD-OP181_15 Datasheet
311Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP281 AD-OP281_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
OP481 AD-OP481_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com