Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP295GS Datasheet(PDF) 9 Page - Analog Devices

Part # OP295GS
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GS Datasheet(HTML) 9 Page - Analog Devices

Back Button OP295GS Datasheet HTML 4Page - Analog Devices OP295GS Datasheet HTML 5Page - Analog Devices OP295GS Datasheet HTML 6Page - Analog Devices OP295GS Datasheet HTML 7Page - Analog Devices OP295GS Datasheet HTML 8Page - Analog Devices OP295GS Datasheet HTML 9Page - Analog Devices OP295GS Datasheet HTML 10Page - Analog Devices OP295GS Datasheet HTML 11Page - Analog Devices OP295GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OP295/OP495
REV. B
–9–
common-mode rejection performance and minimize drift. This
instrumentation amplifier can operate from a supply voltage as
low as 3 volts.
A Single Supply RTD Thermometer Amplifier
This RTD amplifier takes advantage of the rail-to-rail swing of
the OP295/OP495 to achieve a high bridge voltage in spite of a
low 5 V supply. The OP295/OP495 amplifier servos a constant
200
µA current to the bridge. The return current drops across
the parallel resistors 6.19 k
Ω and the 2.55 MΩ, developing a
voltage that is servoed to 1.235 V, which is established by the
AD589 bandgap reference. The 3-wire RTD provides an equal
line resistance drop in both 100
Ω legs of the bridge, thus im-
proving the accuracy.
The AMP04 amplifies the differential bridge signal and converts
it to a single-ended output. The gain is set by the series resis-
tance of the 332
Ω resistor plus the 50 Ω potentiometer. The
gain scales the output to produce a 4.5 V full scale. The
0.22
µF capacitor to the output provides a 7 Hz low-pass filter
to keep noise at a minimum.
3
7
1
8
6
5
4
2
AMP04
0.22
µF
332
Ω
50
Ω
26.7k
0.5%
100
Ω
0.5%
100
Ω
RTD
2.55M
1%
6.19k
1%
AD589
1.235
37.4k
+5V
200
Ω
10-TURNS
ZERO ADJ
26.7k
0.5%
V
O
4.5V = 450
°C
0V = 0
°C
+5V
1
2
3
1/2
OP295/
OP495
Figure 6. Low Power RTD Amplifier
A Cold Junction Compensated, Battery Powered
Thermocouple Amplifier
The OP295/OP495’s 150
µA quiescent current per amplifier
consumption makes it useful for battery powered temperature
measuring instruments. The K-type thermocouple terminates
into an isothermal block where the terminated junctions’ ambi-
ent temperatures can be continuously monitored and corrected
by summing an equal but opposite thermal EMF to the ampli-
fier, thereby canceling the error introduced by the cold junctions.
V
O
0V = 0
°C
5V = 500
°C
4.99k
1%
1.33M
Ω 20k
SCALE
ADJUST
9V
24.3k
1%
24.9k
7.15k
1%
1.235V
AD589
24.9k
1%
500
Ω
10-TURN
2.1k
1%
475
Ω
1%
1.5M
1%
1N914
ISOTHERMAL
BLOCK
COLD
JUNCTIONS
CR
AL
CHROMEL
K-TYPE
THERMOCOUPLE
40.7
µV/°C
ZERO
ADJUST
8
1
4
2
3
ALUMEL
OP295/
OP495
Figure 7. Battery Powered, Cold-Junction Compensated
Thermocouple Amplifier
To calibrate, immerse the thermocouple measuring junction in a
0
°C ice bath, adjust the 500 Ω Zero Adjust pot to zero volts out.
Then immerse the thermocouple in a 250
°C temperature bath
or oven and adjust the Scale Adjust pot for an output voltage of
2.50 V, which is equivalent to 250
°C. Within this temperature
range, the K-type thermocouple is quite accurate and produces
a fairly linear transfer characteristic. Accuracy of
±3°C is achiev-
able without linearization.
Even if the battery voltage is allowed to decay to as low as 7 volts,
the rail-to-rail swing allows temperature measurements to
700
°C. However, linearization may be necessary for tempera-
tures above 250
°C where the thermocouple becomes rather
nonlinear. The circuit draws just under 500
µA supply current
from a 9 V battery.
A 5 V Only, 12-Bit DAC That Swings 0 V to 4.095 V
Figure 8 shows a complete voltage output DAC with wide out-
put voltage swing operating off a single +5 V supply. The serial
input 12-bit D/A converter is configured as a voltage output
device with the 1.235 V reference feeding the current output pin
(IOUT) of the DAC. The VREF which is normally the input now
becomes the output.
The output voltage from the DAC is the binary weighted volt-
age of the reference, which is gained up by the output amplifier
such that the DAC has a 1 mV per bit transfer function.
+5V
R2
41.2k
R3
5k
Ω
R4
100k
Ω
V
DD
R
FB
V
REF
SRI
CLK
GND
I
OUT
DAC8043
3
4
7
65
1
2
8
+5V
DIGITAL
CONTROL
+5V
AD589
R1
17.8k
Ω
+1.23V
LD
V
O =
(4.096V)
D
4096
TOTAL POWER DISSIPATION = 1.6mW
8
1
4
2
3
OP295/
OP495
Figure 8. A 5 Volt 12-Bit DAC with 0 V to +4.095 Output
Swing
4–20 mA Current Loop Transmitter
Figure 9 shows a self powered 4–20 mA current loop transmit-
ter. The entire circuit floats up from the single supply (12 V to
36 V) return. The supply current carries the signal within the 4
to 20 mA range. Thus the 4 mA establishes the baseline
8
1
2
3
220pF
220
Ω
REF02
GND
62
4
100
Ω
2N1711
100k
1%
HP
5082-2800
100
Ω
1%
V
IN
0 + 3V
100k
Ω
10-TURN
1.21M
1%
NULL ADJ
SPAN ADJ
182k
1%
10k
Ω
10-TURN
5V
+12V
TO
+36V
R
L
100
Ω
4–20mA
4
1/2
OP295/
OP495
Figure 9. 4–20 mA Current Loop Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com