Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP295GS Datasheet(PDF) 11 Page - Analog Devices

Part # OP295GS
Description  DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GS Datasheet(HTML) 11 Page - Analog Devices

Back Button OP295GS Datasheet HTML 4Page - Analog Devices OP295GS Datasheet HTML 5Page - Analog Devices OP295GS Datasheet HTML 6Page - Analog Devices OP295GS Datasheet HTML 7Page - Analog Devices OP295GS Datasheet HTML 8Page - Analog Devices OP295GS Datasheet HTML 9Page - Analog Devices OP295GS Datasheet HTML 10Page - Analog Devices OP295GS Datasheet HTML 11Page - Analog Devices OP295GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
OP295/OP495
REV. B
–11–
8
1
4
2
3
58.7k
100k
C
R
V+
FREQ OUT
f
OSC =
< 350Hz @ V+ = +5V
1
RC
100k
1/2
OP295/
OP495
Figure 13. Square Wave Oscillator Has Stable Frequency
Regardless of Supply Changes
V
IN
10k
V+
10k
100k
90.9k
20k
20k
V+
SPEAKER
2.2
µF
1/4
OP295/
OP495
1/4
OP295/
OP495
1/4
OP295/
OP495
Figure 14. Single Supply Differential Speaker Driver
High Accuracy, Single-Supply, Low Power Comparator
The OP295/OP495 makes an accurate open-loop comparator.
With a single +5 V supply, the offset error is less than 300
µV. Fig-
ure 15 shows the OP295/OP495’s response time when operating
open-loop with 4 mV overdrive. It exhibits a 4 ms response time at
the rising edge and a 1.5 ms response time at the falling edge.
10
100
0%
90
5ms
2V
1V
OUTPUT
(5mV OVERDRIVE
@ OP295 INPUT)
INPUT
Figure 15. Open-Loop Comparator Response Time with
5 mV Overdrive
OP295/OP495 SPICE MODEL Macro-Model
* Node Assignments
*
Noninverting Input
*
Inverting Input
*
Positive Supply
*
Negative Supply
*
Output
*
*
.SUBCKT OP295
1
2
99
50
20
*
* INPUT STAGE
*
I1
99
4
2E-6
R1
1
6
5E3
R2
2
5
5E3
CIN
1
2
2E-12
IOS
1
2
0.5E-9
D1
5
3
DZ
D2
6
3
DZ
EOS
7
6
POLY (1) (31,39) 30E-6 0.024
Q1
8
5
4
QP
Q2
9
74QP
R3
8
50
25.8E3
R4
9
50
25.8E3
*
* GAIN STAGE
*
R7
10
98
270E6
G1
98
10
POLY (1) (9,8) –4.26712E-9 27.8E-6
EREF 98
0
(39, 0) 1
R5
99
39
100E3
R6
39
50
100E3
*
* COMMON MODE STAGE
*
ECM
30
98
POLY(2) (1,39) (2,39) 0 0.5 0.5
R12
30
31
1E6
R13
31
98
100
*
* OUTPUT STAGE
*
I2
18
50
1.59E-6
V2
99
12
DC 2.2763
Q4
10
14
50
QNA
1.0
R11
14
50
33
M3
15
10
13
13
MN L=9E-6 W=102E-6 AD=15E-10 AD=15E-10
M4
13
10
50
50
MN L=9E-6 W=50E-6 AD=75E-11 AS=75E-11
D8
10
22
DX
V3
22
50
DC 6
M2
20
10
14
14
MN L=9E-6 W=2000E-6 AD=30E-9 AS=30E-9
Q5
17
17
99
QPA
1.0
Q6
18
17
99
QPA
4.0
R8
18
99
2.2E6
Q7
18
19
99
QPA
1.0
R9
99
19
8
C2
18
99
20E-12
M6
15
12
17
99
MP L=9E-6 W=27E-6 AD=405E-12 AS=405E-12
M1
20
18
19
99
MP L=9E-6 W=2000E-6 AD=30E-9 AS=30E-9
D4
21
18
DX
V4
99
21
DC 6
R10
10
11
6E3
C3
11
20
50E-12
.MODEL QNA NPN (IS=1.19E-16 BF=253 NF=0.99 VAF=193 IKF=2.76E-3
+ ISE=2.57E-13 NE=5 BR=0.4 NR=0.988 VAR=15 IKR=1.465E-4
+ ISC=6.9E-16 NC=0.99 RB=2.0E3 IRB=7.73E-6 RBM=132.8 RE=4
RC=209
+ CJE=2.1E-13 VJE=0.573 MJE=0.364 FC=0.5 CJC=1.64E-13 VJC=0.534
MJC=0.5
+ CJS=1.37E-12 VJS=0.59 MJS=0.5 TF=0.43E-9 PTF=30)
.MODEL QPA PNP (IS=5.21E-17 BF=131 NF=0.99 VAF=62 IKF=8.35E-4
+ ISE=1.09E-14 NE=2.61 BR=0.5 NR=0.984 VAR=15 IKR=3.96E-5
+ ISC=7.58E-16 NC=0.985 RB=1.52E3 IRB=1.67E-5 RBM=368.5 RE=6.31
RC=354.4
+ CJE=1.1E-13 VJE=0.745 MJE=0.33 FC=0.5 CJC=2.37E-13 VJC=0.762
MJC=0.4
+ CJS =7.11E-13 VJS=0.45 MJS=0.412 TF=1.0E-9 PTF=30)
.MODEL MN NMOS (LEVEL=3 VTO=1.3 RS=0.3 RD=0.3
+ TOX=8.5E-8 LD=1.48E-6 NSUB=1.53E16 UO=650 DELTA=10 VMAX=2E5
+ XJ=1.75E-6 KAPPA=0.8 ETA=0.066 THETA=0.01 TPG=1 CJ=2.9E-4
PB=0.837
+ MJ=0.407 CJSW=0.5E-9 MJSW=0.33)
.MODEL MP PMOS (LEVEL=3 VTO=–1.1 RS=0.7 RD=0.7
+ TOX=9.5E-8 LD=1.4E-6 NSUB=2.4E15 UO=650 DELTA=5.6 VMAX=1E5
+ XJ=1.75E-6 KAPPA=1.7 ETA=0.71 THETA=5.9E-3 TPG=–1 CJ=1.55E-4
PB=0.56
+ MJ=0.442 CJSW=0.4E-9 MJSW=0.33)
.MODEL DX D(IS=1E-15)
.MODEL DZ D (IS=1E-15, BV=7)
.MODEL QP PNP (BF=125)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com