Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470 Datasheet(PDF) 14 Page - Analog Devices

Part # OP470
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470 Datasheet(HTML) 14 Page - Analog Devices

Back Button OP470 Datasheet HTML 8Page - Analog Devices OP470 Datasheet HTML 9Page - Analog Devices OP470 Datasheet HTML 10Page - Analog Devices OP470 Datasheet HTML 11Page - Analog Devices OP470 Datasheet HTML 12Page - Analog Devices OP470 Datasheet HTML 13Page - Analog Devices OP470 Datasheet HTML 14Page - Analog Devices OP470 Datasheet HTML 15Page - Analog Devices OP470 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. B
OP470
–14–
SQUELCH AMPLIFIER
The circuit of Figure 17 is a simple squelch amplifier that uses a
FET switch to cut off the output when the input signal falls
below a preset limit.
The input signal is sampled by a peak detector with a time
constant set by C1 and R6. When the output of the peak detector
(Vp), falls below the threshold voltage, (VTH), set by R8, the
comparator formed by op amp C switches from V– to V+. This
drives the gate of the N-channel FET high, turning it ON, re-
ducing the gain of the inverting amplifier formed by op amp A
to zero.
1/4
OP470E
A
R1
2k
VOUT – –5VIN
R2
10k
2N5434
R5
100k
VIN
1/4
OP470E
B
R3
2k
R4
10k
D1
1N4148
C1
1 F
R6
1M
1/4
OP470E
C
R4
10M
D2
1N4148
R7
10k
+
C2
10 F
V+
R6
10k
= 1 SECOND
Figure 17. Squelch Amplifier
FIVE-BAND LOW-NOISE STEREO GRAPHIC EQUALIZER
The graphic equalizer circuit shown in Figure 18 provides 15 dB
of boost or cut over a 5-band range. Signal-to-noise ratio over a
20 kHz bandwidth is better than 100 dB referred to a 3 V rms
input. Larger inductors can be replaced by active inductors but
this reduces the signal-to-noise ratio.
R1
47k
1/4
OP470E
R13
3.3k
+
R14
100
VOUT
R4
1k
60Hz
R2
3.3k
1/4
OP470E
VIN
C1
0.47 F
C2
6.8 F
TANTALUM
L1
1H
R3
680
+
R4
1k
200Hz
C3
1 F
TANTALUM
L2
1H
R5
680
+
R4
1k
800Hz
C4
0.22 F
TANTALUM
L3
1H
R7
680
+
R4
1k
3kHz
C5
0.047 F
TANTALUM
L4
1H
R9
680
+
R4
1k
10kHz
C6
0.022 F
TANTALUM
L5
1H
R11
680
Figure 18. Five-Band Low Noise Graphic Equalizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com