Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GS Datasheet(HTML) 1 Page - Analog Devices

  OP467GS Datasheet HTML 1Page - Analog Devices OP467GS Datasheet HTML 2Page - Analog Devices OP467GS Datasheet HTML 3Page - Analog Devices OP467GS Datasheet HTML 4Page - Analog Devices OP467GS Datasheet HTML 5Page - Analog Devices OP467GS Datasheet HTML 6Page - Analog Devices OP467GS Datasheet HTML 7Page - Analog Devices OP467GS Datasheet HTML 8Page - Analog Devices OP467GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIN CONNECTIONS
14-Lead Ceramic DIP (Y Suffix) and
14-Lead Epoxy DIP (P Suffix)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
+
+
++
OP467
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Quad Precision, High Speed
Operational Amplifier
OP467
FEATURES
High Slew Rate – 170 V/ s
Wide Bandwidth – 28 MHz
Fast Settling Time – <200 ns to 0.01%
Low Offset Voltage – <500
V
Unity-Gain Stable
Low Voltage Operation
5 V to
15 V
Low Supply Current – <10 mA
Drives Capacitive Loads
APPLICATIONS
High Speed Image Display Drivers
High Frequency Active Filters
Fast Instrumentation Amplifiers
High Speed Detectors
Integrators
Photo Diode Preamps
GENERAL DESCRIPTION
The OP467 is a quad, high speed, precision operational ampli-
fier. It offers the performance of a high speed op amp combined
with the advantages of a precision operational amplifier all in a
single package. The OP467 is an ideal choice for applications
where, traditionally, more than one op amp was used to achieve
this level of speed and precision.
The OP467’s internal compensation ensures stable unity-gain
operation, and it can drive large capacitive loads without oscilla-
tion. With a gain bandwidth product of 28 MHz driving a 30 pF
load, output slew rate in excess of 170 V/
µs, and settling time to
0.01% in less than 200 ns, the OP467 provides excellent dy-
namic accuracy in high speed data-acquisition systems. The
channel-to-channel separation is typically 60 dB at 10 MHz.
The dc performance of OP467 includes less than 0.5 mV of
offset, voltage noise density below 6 nV/
√Hz and total supply
current under 10 mA. Common-mode rejection and power
supply rejection ratios are typically 85 dB. PSRR is maintained
to better than 40 dB with input frequencies as high as 1 MHz.
The low offset and drift plus high speed and low noise, make the
OP467 usable in applications such as high speed detectors and
instrumentation.
The OP467 is specified for operation from
±5 V to ±15 V over
the extended industrial temperature range (–40
°C to +85°C) and
is available in 14-lead plastic and ceramic DIP, plus SOL-16
and 20-lead LCC surface mount packages.
Contact your local sales office for MIL-STD-883 data sheet and
availability.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
16-Lead SOL
(S Suffix)
1
2
3
4
5
6
7
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
16
15
14
13
12
11
10
9
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
NC
OP467
NC = NO CONNECT
+IN
–IN
OUT
V+
V–
Figure 1. Simplified Schematic
20-Position Chip Carrier
(RC Suffix)
+IN D
V–
+IN C
NC
NC
4
5
6
7
9
19
20
1
2
3
18
17
16
15
14
8
10 11 12 13
(TOP VIEW)
+IN A
V+
+IN B
NC
NC
OP467
NC = NO CONNECT


Similar Part No. - OP467GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP467GS AD-OP467GS Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467GS AD-OP467GS Datasheet
487Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. I
OP467GS-REEL AD-OP467GS-REEL Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
OP467GS-REEL AD-OP467GS-REEL Datasheet
487Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. I
OP467GSZ AD-OP467GSZ Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
More results

Similar Description - OP467GS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514 Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
Precision, High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
Texas Instruments
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
Precision, High Speed Operational Amplifier
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com