Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP467GS Datasheet(PDF) 14 Page - Analog Devices

Part # OP467GS
Description  Quad Precision, High Speed Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP467GS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP467GS Datasheet HTML 8Page - Analog Devices OP467GS Datasheet HTML 9Page - Analog Devices OP467GS Datasheet HTML 10Page - Analog Devices OP467GS Datasheet HTML 11Page - Analog Devices OP467GS Datasheet HTML 12Page - Analog Devices OP467GS Datasheet HTML 13Page - Analog Devices OP467GS Datasheet HTML 14Page - Analog Devices OP467GS Datasheet HTML 15Page - Analog Devices OP467GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP467
REV. C
–14–
FAST I-TO-V CONVERTER
The fast slew rate and fast settling time of the OP467 are well
suited to the fast buffers and I-to-V converters used in variety of
applications. The circuit in Figure 46 is a unipolar quad D/A
converter consisting of only two ICs. The current output of the
DAC8408 is converted to a voltage by the OP467 configured as
an I-to-V converter. This circuit is capable of settling to 0.1%
within 200 ns. Figures 47 and 48 show the full-scale settling
time of the outputs. To obtain reliable circuit performance, keep
the traces from the DAC’s IOUT to the inverting inputs of the
OP467 short to minimize parasitic capacitance.
10
0%
100
90
260.0ns
2V
50mV
100ns
Figure 47. Voltage Output Settling Time
15
VDD
VREFA
RFBA
IOUT 1A
IOUT 2A/
IOUT 2B
IOUT 1B
RFBB
VREFB
DGND
RFBC
IOUT 1C
IOUT 2C/
IOUT 2D
VREFC
IOUT 1D
RFBD
VREFD
DAC8408
+5V
+10V
+10V
VOUTA
VOUTB
0.1 F
+15V
–15V
C2
10pF
C1
10pF
0.1 F
7
OP467
5
4
11
6
OP467
2
3
1
1
2
3
7
8
9
10
11
12
4
5
6
13
14
+
+10V
+10V
VOUTA
VOUTB
DIGITAL
CONTROL
SIGNALS
C3
10pF
C4
10pF
14
12
13
OP467
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
8
10
9
OP467
(MSB) DB7
DB6
28
27
26
22
21
20
19
18
17
25
24
23
16
+
+
–
+
–
R/
W
A/
B
DS1
DS2
Figure 46. Quad DAC Unipolar Operation
10
0%
100
90
251.0ns
2V
50mV
100ns
Figure 48. Voltage Output Settling Time
RFB
IOUT
3pF
OP467
I-V
DAC-8408
1k
50
604
60.4
2k
DC OFFSET
2k
AD847
Figure 49. DAC VOUT Settling Time Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com