Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP470GS
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP470GS Datasheet HTML 2Page - Analog Devices OP470GS Datasheet HTML 3Page - Analog Devices OP470GS Datasheet HTML 4Page - Analog Devices OP470GS Datasheet HTML 5Page - Analog Devices OP470GS Datasheet HTML 6Page - Analog Devices OP470GS Datasheet HTML 7Page - Analog Devices OP470GS Datasheet HTML 8Page - Analog Devices OP470GS Datasheet HTML 9Page - Analog Devices OP470GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
OP470
–6–
–Typical Performance Characteristics
FREQUENCY – Hz
10
1
TA = 25 C
VS = 15V
9
8
7
6
5
4
3
2
1
10
100
1k
I/F CORNER = 5Hz
TPC 1. Voltage Noise Density vs.
Frequency
FREQUENCY – Hz
10.0
0.1
10
10k
1.0
100
1k
TA = 25 C
VS = 15V
I/F CORNER = 200Hz
TPC 4. Current Noise Density vs.
Frequency
TEMPERATURE – C
–75
20
15
10
5
0
–50
–25
0
25
50
75
100
125
VS = 15V
VCM = 0V
TPC 7. Input Bias Current vs.
Temperature
SUPPLY VOLTAGE – V
5
4
1
0
5
20
10
15
3
2
TA = 25 C
AT 10Hz
AT 1kHz
TPC 2. Voltage Noise Density vs.
Supply Voltage
TEMPERATURE – C
140
–75
VS = 15V
120
100
80
60
40
20
0
–50
–25
0
25
50
75
100
125
TPC 5. Input Offset Voltage vs.
Temperature
TEMPERSTURE – C
10
–75 –50
–25
0
25
50
75
100 125
9
8
7
6
5
4
3
2
1
0
VS = 15V
VCM = 0V
TPC 8. Input Offset Current vs.
Temperature
10
0%
100
90
5mV
1s
02
4
6
8
10
TIME – Secs
TA = 25 C
VS = 15V
TPC 3. 0.1 Hz to 10 Hz Noise
TIME – Mins
10
0
TA = 25 C
VS = 15V
9
8
7
6
5
4
3
2
1
0
1
2345
TPC 6. Warm-Up Offset Voltage Drift
COMMON-MODE VOLTAGE – V
9
–12.5
TA = 25 C
VS = 15V
8
7
6
5
4
–7.5
–2.5
2.5
7.5
12.5
TPC 9. Input Bias Current vs.
Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com