Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP470GS Datasheet(PDF) 4 Page - Analog Devices

Part # OP470GS
Description  Very Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470GS Datasheet(HTML) 4 Page - Analog Devices

  OP470GS Datasheet HTML 1Page - Analog Devices OP470GS Datasheet HTML 2Page - Analog Devices OP470GS Datasheet HTML 3Page - Analog Devices OP470GS Datasheet HTML 4Page - Analog Devices OP470GS Datasheet HTML 5Page - Analog Devices OP470GS Datasheet HTML 6Page - Analog Devices OP470GS Datasheet HTML 7Page - Analog Devices OP470GS Datasheet HTML 8Page - Analog Devices OP470GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
OP470–SPECIFICATIONS
OP470GBC
Parameter
Symbol
Conditions
Limit
Unit
INPUT OFFSET VOLTAGE
VOS
0.8
mV Max
INPUT OFFSET CURRENT
IOS
VCM = 0 V
20
nA Max
INPUT BIAS CURRENT
IB
VCM = 0 V
50
nA Min
LARGE-SIGNAL
VO =
±10 V
Voltage Gain
AVO
RL = 10 k
W
800
V/mV Min
RL = 2 k
W
400
INPUT VOLTAGE RANGE*
IVR
±11
V Min
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kW±12
V Min
COMMON-MODE
REJECTION
CMR
VCM =
±11 V
100
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4.5 V to ±18 V
5.6
mV/V Max
SUPPLY CURRENT
(All Amplifiers)
ISY
No Load
11
mA Max
NOTE
*
Guaranteed by CMR test
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaran-
teed for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(at VS =
15 V, 25 C, unless otherwise noted.)
WAFER TEST LIMITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com