Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP471GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP471GS
Description  High Speed, Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP471GS Datasheet HTML 4Page - Analog Devices OP471GS Datasheet HTML 5Page - Analog Devices OP471GS Datasheet HTML 6Page - Analog Devices OP471GS Datasheet HTML 7Page - Analog Devices OP471GS Datasheet HTML 8Page - Analog Devices OP471GS Datasheet HTML 9Page - Analog Devices OP471GS Datasheet HTML 10Page - Analog Devices OP471GS Datasheet HTML 11Page - Analog Devices OP471GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
OP471
–8–
RS – SOURCE RESISTANCE –
1000
10
100
100k
100
10k
1k
OP11
OP400
OP471
OP470
RESISTOR
NOISE ONLY
Figure 6. Peak-to-Peak Noise (0.1 Hz to 10 Hz) vs. Source
Resistance (Includes Resistor Noise)
Figure 6 shows peak-to-peak noise versus source resistance over
the 0.1 Hz to 10 Hz range. Once again, at low values of RS, the
voltage noise of the OP471 is the major contributor to peak-to-peak
noise. Current noise becomes the major contributor as RS increases.
The crossover point between the OP471 and the OP400 for
peak-to-peak noise is at RS = 17
W.
The OP470 is a lower noise version of the OP471, with a typical
noise voltage density of 3.2 nV/
÷Hz @ 1 kHz. The OP470 offers
lower offset voltage and higher gain than the OP471, but is a slower
speed device, with a slew rate of 2 V/
ms compared to a slew rate
of 8 V/
ms for the OP471.
R1
5
R3
1.24k
OP471
DUT
R2
5
R5
909
OP27E
R4
200
C1
2 F
R6
600k
R9
306k
OP15E
R8
10k
D1
1N4148
D2
1N4148
C2
0.032 F
R10
65.4k
R11
65.4k
C3
0.22 F
OP15E
C4
0.22 F
R13
5.9k
R12
10k
R14
4.99k
C5
1 F
eOUT
GAIN = 50,000
VS = 15V
Figure 7. Peak-to-Peak Voltage Noise Test Circuit (0.1 Hz to 10 Hz)
For reference, typical source resistances of some signal sources
are listed in Table I.
TABLE I.
Source
Device
Impedance
Comments
Strain gauge
< 500
W
Typically used in
low-frequency applications.
Magnetic
< 1,500
W
Low IB very important to reduce
tapehead
self-magnetization problems
when direct coupling is used.
OP471 IB can be neglected.
Magnetic
< 1,500
W
Similar need for low IB in direct
phonograph
coupled applications. OP471
cartridges
will not introduce any
self -magnetization problem.
Linear variable
< 1,500
W
Used in rugged servo-feedback
differential
applications. Bandwidth of
transformer
interest is 400 Hz to 5 kHz.
*For further information regarding noise calculations, see “Minimization of
Noise in Op Amp Applications,” Application Note AN-15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com