Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP471GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP471GS
Description  High Speed, Low Noise Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP471GS Datasheet(HTML) 2 Page - Analog Devices

  OP471GS Datasheet HTML 1Page - Analog Devices OP471GS Datasheet HTML 2Page - Analog Devices OP471GS Datasheet HTML 3Page - Analog Devices OP471GS Datasheet HTML 4Page - Analog Devices OP471GS Datasheet HTML 5Page - Analog Devices OP471GS Datasheet HTML 6Page - Analog Devices OP471GS Datasheet HTML 7Page - Analog Devices OP471GS Datasheet HTML 8Page - Analog Devices OP471GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
OP471–SPECIFICATIONS
OP471E
OP471F
OP471G
Parameter
Symbol
Conditions
Min
Typ Max
Min Typ Max
Min Typ Max
Unit
Input Offset Voltage
VOS
0.25 0.8
0.5
1.5
1.0
1.8
mV
Input Offset Current
IOS
VCM = 0 V
4
10
7
20
12
30
nA
Input Bias Current
IB
VCM = 0 V
7
25
15
50
25
60
nA
Input Noise Voltage
1
en p-p
0.1 Hz to 10 Hz
250
500
250
500
250
500
nV p–p
Input Noise
en
fO = 10 Hz
9
16
9
16
9
16
nV/
÷Hz
Voltage Density
2
fO = 100 Hz
7
12
7
12
7
12
nV/
÷Hz
fO = 1 kHz
6.5
11
6.5
11
6.5
11
nV/
÷Hz
Input Noise
in
fO = 10 Hz
1.7
1.7
1.7
pA
÷Hz
Current Density
fO = 100 Hz
0.7
0.7
0 7
pA
÷Hz
fO = 1 kHz
0.4
0.4
0.4
pA
÷Hz
Large-Signal
AVO
V =
±10 V
Voltage Gain
RL = 10 k
W
500
700
300
500
300
500
V/mV
RL = 2 k
W
350
550
175
275
175
275
V/mV
Input Voltage Range
3
IVR
±11 ±12
±11 ±12
±11 ±12
V
Output Voltage Swing
VO
RL
≥ 2 kW±12 ±13
±12 ±13
±12 ±13
V
Common-Mode
CMR
VCM =
±11 V
105
120
95
115
95
115
dB
Rejection
Power Supply
PSRR
VS = 4.5 V to 18 V
1
5.6
5.6
17.8
5.6
17.8
mV/V
Rejection Ratio
Slew Rate
SR
6.5
8
6.5
8
6.5
8
V/
ms
Supply Current
ISY
No Load
9.2
11
9.2
11
9.2
11
mA
(All Amplifiers)
Gain Bandwidth
GBW
Av = 10
6.5
6.5
6.5
MHz
Product
Channel Separation
1
CS
VO = 20 V p-p
125
150
125
150
125
150
dB
fO = 10 Hz
Input Capacitance
CIN
2.6
2.6
2.6
pF
Input Resistance
RIN
1.1
1.1
1.1
M
W
Differential-Mode
Input Resistance
RINCM
11
11
11
G
W
Common-Mode
Settling Time
tS
AV = 1
To 0.1%
4.5
4.5
4.5
ms
To 0.01 %
7.5
7.5
7.5
ms
NOTES
1Guaranteed but not 100% tested.
2Sample tested.
3Guaranteed by CMR test.
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com