Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 6 Page - Analog Devices

Part # OP97
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP97 Datasheet HTML 2Page - Analog Devices OP97 Datasheet HTML 3Page - Analog Devices OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
OP97
–6–
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = –55 C
TA = –55 C
TA = +125 C
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TPC 19. Open-Loop Gain, Phase vs.
Frequency (COC = 0 pF)
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = –55 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = –55 C
TA = +125 C
TPC 22. Open-Loop Gain, Phase vs.
Frequency (COC = 100 pF)
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = –55 C
TA = +25 C
TA = +125 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = –55 C
TA = +125 C
TPC 25. Open-Loop Gain, Phase vs.
Frequency (COC = 1000 pF)
FREQUENCY – Hz
0.0001
10
10k
1k
100
TA = 25 C
VS = 15V
RL = 10k
1% THD
VOUT = 3V RMS
AVCL = 100
AVCL = 10
AVCL = 1
0.001
0.01
0.1
1
10
TPC 20. Total Harmonic Distortion
Plus Noise vs. Frequency
OVERCOMPENSATION CAPACITOR – pF
0.1
1
0.01
0.001
10
100
10000
1
Rl = 10k
VS = 15V
CL = 100pF
TA = +125 C
TA = –55 C
1000
TPC 23. Slew Rate vs. Over-
compensation
FREQUENCY – Hz
80
–60
100
60
10M
1k
100k
40
10k
1M
–40
–20
0
20
PHASE
225
180
135
90
TA = +125 C
TA = +25 C
TA = +125 C
GAIN
VS = 15V
CL = 20pF
RL = 1M
100pF OVERCOMPENSATION
TA = +125 C
TA = –55 C
TPC 26. Open-Loop Gain, Phase vs.
Frequency (COC = 10,000 pF)
LOAD CAPACITANCE – pF
70
0
10
60
10000
1000
100
TA = 25 C
VS = 15V
AVCL = +1
VOUT = 100mV p-p
COC = 0pF
50
40
30
20
10
+EDGE
–EDGE
TPC 21. Small Signal Overshoot vs.
Capacitive Load
OVERCOMPENSATION CAPACITOR – pF
100
1
10
1
10
100
10000
1000
VS = 15V
CL = 20pF
RL = 1M
AV = 100
TA = +125 C
TA = –55 C
1000
TPC 24. Gain Bandwidth Product vs.
Overcompensation
FREQUENCY – Hz
0.001
10
100
1k
10k
TA = 25 C
VS = 15V
1
AVCL = 1000
100k
AVCL = 1
0.01
0.1
1
10
100
1000
TPC 27. Closed-Loop Output Resis-
tance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com