Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97 Datasheet(PDF) 8 Page - Analog Devices

Part # OP97
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP97 Datasheet HTML 4Page - Analog Devices OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices OP97 Datasheet HTML 11Page - Analog Devices OP97 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. D
OP97
–8–
OP97
10k
VOUT
2
3
6
VIN
Figure 5. Unity-Gain Follower
Figure 6. Small-Signal Transient Response with Overcom-
pensation (CLOAD = 1000 pF, AVCL = 1, COC = 220 pF)
GUARDING AND SHIELDING
To maintain the extremely high input impedances of the OP97,
care must be taken in circuit board layout and manufacturing.
Board surfaces must be kept scrupulously clean and free of moisture.
Conformal coating is recommended to provide a humidity barrier.
Even a clean PC board can have 100 pA of leakage currents between
adjacent traces, so that guard rings should be used around the
inputs. Guard traces are operated at a voltage close to that on the
inputs, so that leakage currents become minimal. In nonin-
verting applications, the guard ring should be connected to the
common-mode voltage at the inverting input (Pin 2). In inverting
applications, both inputs remain at ground, so that the guard trace
should be grounded. Guard traces should be made on both sides
of the circuit board.
OP97
VOUT
2
3
6
IO
IO
DIGITAL
INPUTS
30pF
RFB
PM7548
Figure 7. DAC Output Amplifier
OP97
R5
10k
VOUT
2
3
6
V1
R1
10k
R2
10k
R3
10k
R4
10k
–15V
+15V
7
4
RL
IL
Figure 8. Current Monitor
High impedance circuitry is extremely susceptible to RF pickup,
line frequency hum, and radiated noise from switching power
supplies. Enclosing sensitive analog sections within grounded
shields is generally necessary to prevent excessive noise pickup.
Twisted-pair cable will aid in rejection of line frequency hum.
The OP97 is an excellent choice as an output amplifier for higher
resolution CMOS DACs. Its tightly trimmed offset voltage and
minimal bias current result in virtually no degradation of linear-
ity, even over wide temperature ranges.
Figure 8 shows a versatile monitor circuit that can typically
sense current at any point between the
±15 V supplies. This
makes it ideal for sensing current in applications such as full
bridge drivers where bidirectional current is associated with large
common-mode voltage changes. The 114 dB CMRR of the OP97
makes the amplifier’s contribution to common-mode error
negligible, leaving only the error due to the resistor ratio
inequality. Ideally, R2/R4 = R3/R5. This is best trimmed via R4
OP97
2
3
6
UNITY-GAIN FOLLOWER
OP97
2
3
6
NONINVERTING AMPLIFIER
OP97
2
3
6
INVERTING AMPLIFIER
1
8
1
8
TO-99
BOTTOM VIEW
MINI-DIP
BOTTOM VIEW
Figure 9. Guard Ring Layout and Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com