Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP497GS
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP497GS Datasheet HTML 2Page - Analog Devices OP497GS Datasheet HTML 3Page - Analog Devices OP497GS Datasheet HTML 4Page - Analog Devices OP497GS Datasheet HTML 5Page - Analog Devices OP497GS Datasheet HTML 6Page - Analog Devices OP497GS Datasheet HTML 7Page - Analog Devices OP497GS Datasheet HTML 8Page - Analog Devices OP497GS Datasheet HTML 9Page - Analog Devices OP497GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. D
OP497
–6–
20
1.0
0.5
5
0
1.5
–1.5
–1.0
–0.5
15
10
SUPPLY VOLTAGE – V
+VS
–VS
TA = 25 C
TPC 19. Input Common-Mode
Voltage Range vs. Supply Voltage
700
200
20
500
300
5
400
0
600
15
10
NO LOAD
SUPPLY VOLTAGE – V
+125 C
+25 C
–55 C
TPC 22. Supply Current
(per Amplifier) vs. Supply Voltage
LOAD CAPACITANCE – pF
70
0
10k
30
10
100
20
10
60
40
50
1k
VS =
15V
TA = 25 C
AVCL = +1
VOUT = 100mV p–p
TPC 25. Small-Signal Overshoot
vs. Capacitance Load
LOAD RESISTANCE –
35
0
10k
15
5
100
10
10
30
20
25
1k
VS =
15V
TA = 25 C
AVCL= +1
1%THD
fO = 1kHz
TPC 20. Maximum Output Swing
vs. Load Resistance
1000
0.001
100k
1
0.01
10
0.1
1
100
10
10k
1k
100
AV = +1
VS = 15V
TA = 25 C
TPC 23. Closed-Loop Output
Impedance vs. Frequency
20
1.0
0.5
5
0
1.5
–1.5
–1.0
–0.5
15
10
SUPPLY VOLTAGE – V
+VS
–VS
TA = 25 C
RL = 10k
TPC 21. Output Voltage Swing vs.
Supply Voltage
35
–35
4
–20
–30
1
–25
0
15
–15
20
25
30
3
2
TIME FROM OUTPUT SHORT – Mins
TA = +125 C
TA = +25 C
TA = –55 C
VS =
15V
OUTPUT SHORTED
TO GROUND
TA = +125 C
TA = –55 C
TA = +25 C
TPC 24. Short-Circuit Current vs.
Time Temperature
–IN
+IN
2.5k
V+
VOUT
V–
2.5k
TPC 26. Simplified Schematic Showing One Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com