Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP497GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP497GS
Description  Precision Picoampere Input Current Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497GS Datasheet(HTML) 2 Page - Analog Devices

  OP497GS Datasheet HTML 1Page - Analog Devices OP497GS Datasheet HTML 2Page - Analog Devices OP497GS Datasheet HTML 3Page - Analog Devices OP497GS Datasheet HTML 4Page - Analog Devices OP497GS Datasheet HTML 5Page - Analog Devices OP497GS Datasheet HTML 6Page - Analog Devices OP497GS Datasheet HTML 7Page - Analog Devices OP497GS Datasheet HTML 8Page - Analog Devices OP497GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. D
–2–
OP497–SPECIFICATIONS (@ V
S = 15 V, TA = 25 C, unless otherwise noted.)
A
F
C/G
Parameter
Symbol
Condition
Min Typ Max Min Typ Max
Min Typ Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
Vos
20
50
40
75
80
150
µV
–40
°C ≤ +85°C
70
150
120
250
–55
°C ≤ +125°C
40
100
80
150
140
300
Average Input Offset
Voltage Drift
TCVOS
TMIN – TMAX
0.2
0.5
0.4
1.0
0.6
1.5
µV/°C
Long-Term Input Offset
Voltage Stability
0.1
0.1
0.1
µV/Mo
Input Bias Current
IB
VCM = 0 V
30
100
40
150
60
200
pA
–40
° ≤ T
A
≤ +85°C
60
200
80
300
–55
° ≤ T
A
≤ +125°C
80
450
110
600
130
600
Average Input Bias
Current Drift
TCIB
–40
° ≤ T
A
≤ +85°C
0.3
0.3
–55
° ≤ T
A
≤ +125°C
0.5
0.7
0.7
pA/
°C
Input Offset Current
Ios
VCM = OV
15
100
30
150
50
200
pA
–40
° ≤ T
A
≤ +85°C
50
200
80
300
–55
° ≤ T
A
≤ +125°C
35
400
60
600
90
600
Average Input Offset
Current Drift
TCIOS
0.2
0.3
0.4
pA/
°C
Input Voltage Range1
IVR
+ 13 +14
+13 tl4
+13 +14
V
TMIN – TMAX
+13 +13.5
+13 +13.5
+13 +13.5
Common-Mode Rejection CMR
VCM =
±13 V
120
140
114
135
114
135
dB
TMIN – TMAX
114
130
108
120
108
120
Large Signal Voltage Gain AVO
VO =
±10 V,
RL = 2 k
Ω
2000 6000
1500 4000
1200 4000
V/mV
–40
° ≤ T
A
≤ +85°C
800
2000
800
2000
–55
° ≤ T
A
≤ +125°C 1200 4000
1000 3000
800
3000
Input Resistance
Differential Mode
RIN
30
30
30
M
Ω
Input Resistance
Common Mode
RINCM
500
500
500
G
Ω
Input Capacitance
CIN
33
3
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 2 k
Ω±13 ±13.7
±13 ±13.7
±13 ±13.7V
RL = 10 k
Ω± 13 ±14
±13 ±14
±13 ±14
TMIN – TMAX
RL = 10 k
Ω±13 ±13.5
±13 ±13.5
±13 ±13.5
Short Circuit
ISC
±25
±25
±25
mA
POWER SUPPLY
Power Supply
PSRR
Vs =
±2 V to ±20 V 120 140
114
135
114
135
dB
Rejection Ratio
Vs =
±2.5 V to ±20 V
TMIN – TMAX
114
130
108
120
108
120
Supply Current
ISY
No Load
525
625
525
625
525
625
µA
(per Amplifier)
TMIN – TMAX
580
750
580
750
580
750
Supply Voltage Range
VS
Operating Range
±2
±20 ±2
±20
±2
±20
V
TMIN – TMAX
±2.5
±20 ±2.5
±20
±2.5
±20
DYNAMIC PERFORMANCE
Slew Rate
SR
0.05 0.15
0.05 0.15
0.05 0.15
V/
µS
Gain Bandwidth Product
GBW
500
500
500
kHz
Channel Separation
CS
VO = 20 Vp-p,
fo = 10 Hz
150
150
150
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.3
0.3
0.3
µV/p-p
Voltage Noise Density
en = 10 Hz
17
17
17
nV/
√Hz
en = 1 kHz
15
15
15
nV/
√Hz
Current Noise Density
in = 10 Hz
20
20
20
fA/
√Hz
NOTE
1Guaranteed by CMR Test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com