Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP90GS Datasheet(PDF) 1 Page - Analog Devices

Part # OP90GS
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90GS Datasheet(HTML) 1 Page - Analog Devices

  OP90GS Datasheet HTML 1Page - Analog Devices OP90GS Datasheet HTML 2Page - Analog Devices OP90GS Datasheet HTML 3Page - Analog Devices OP90GS Datasheet HTML 4Page - Analog Devices OP90GS Datasheet HTML 5Page - Analog Devices OP90GS Datasheet HTML 6Page - Analog Devices OP90GS Datasheet HTML 7Page - Analog Devices OP90GS Datasheet HTML 8Page - Analog Devices OP90GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
OP90
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Precision Low-Voltage Micropower
Operational Amplifier
PIN CONNECTIONS
8-Lead Hermetic DIP
(Z-Suffix)
8-Lead Epoxy Mini-DIP
(P-Suffix)
8-Lead SO
(S-Suffix)
8
7
6
5
1
2
3
4
NC = NO CONNECT
VOS NULL
–IN
+IN
NC
V+
OUT
VOS NULL
V–
FEATURES
Single/Dual Supply Operation: 1.6 V to 36 V,
0.8 V to
18 V
True Single-Supply Operation; Input and Output
Voltage Ranges Include Ground
Low Supply Current: 20
A Max
High Output Drive: 5 mA Min
Low Input Offset Voltage: 150
V Max
High Open-Loop Gain: 700 V/mV Min
Outstanding PSRR: 5.6
V/V Max
Standard 741 Pinout with Nulling to V–
GENERAL DESCRIPTION
The OP90 is a high performance, micropower op amp that
operates from a single supply of 1.6 V to 36 V or from dual
supplies of
±0.8 V to ±18 V. The input voltage range includes
the negative rail allowing the OP90 to accommodate input
signals down to ground in a single-supply operation. The OP90’s
output swing also includes a ground when operating from a
single-supply, enabling “zero-in, zero-out” operation.
The OP90 draws less than 20
µA of quiescent supply current,
while able to deliver over 5 mA of output current to a load. The
input offset voltage is below 150
µV eliminating the need for
*ELECTRONICALLY ADJUSTED ON CHIP
FOR MINIMUM OFFSET VOLTAGE
NULL
NULL
–IN
+IN
V+
OUTPUT
V–
**
Figure 1. Simplied Schematic
external nulling. Gain exceeds 700,000 and common-mode
rejection is better than 100 dB. The power supply rejection
ratio of under 5.6
µV/V minimizes offset voltage changes experi-
enced in battery-powered systems.
The low offset voltage and high gain offered by the OP90 bring
precision performance to micropower applications. The minimal
voltage and current requirements of the OP90 suit it for battery
and solar powered applications, such as portable instruments,
remote sensors, and satellites.


Similar Part No. - OP90GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP90GS AD-OP90GS Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP90GS MAXIM-OP90GS Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP90GS AD-OP90GS Datasheet
1Mb / 13P
Precision Low-Voltage Micropower Operational Amplifier
REV. C
logo
Maxim Integrated Produc...
OP90GS MAXIM-OP90GS Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP90GS-REEL AD-OP90GS-REEL Datasheet
1Mb / 13P
Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results

Similar Description - OP90GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-290 AD-OP-290 Datasheet
360Kb / 10P
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
OP-90 AD-OP-90 Datasheet
426Kb / 12P
PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP290 AD-OP290 Datasheet
165Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
OP290 AD-OP290_03 Datasheet
189Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. B
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
Precision Low-Voltage Micropower Operational Amplifier
REV. C
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
OP290 AD-OP290_15 Datasheet
284Kb / 12P
Precision, Low Power, Micropower Dual Operational Amplifier
REV. C
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
Precision Low Voltage Micropower Operational Amplifier
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com