Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97EZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP97EZ
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97EZ Datasheet(HTML) 3 Page - Analog Devices

  OP97EZ Datasheet HTML 1Page - Analog Devices OP97EZ Datasheet HTML 2Page - Analog Devices OP97EZ Datasheet HTML 3Page - Analog Devices OP97EZ Datasheet HTML 4Page - Analog Devices OP97EZ Datasheet HTML 5Page - Analog Devices OP97EZ Datasheet HTML 6Page - Analog Devices OP97EZ Datasheet HTML 7Page - Analog Devices OP97EZ Datasheet HTML 8Page - Analog Devices OP97EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. D
OP97
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP97 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
Differential Input Voltage
3
. . . . . . . . . . . . . . . . . . . . . .
±1 V
Differential Input Current
3
. . . . . . . . . . . . . . . . . . . .
±10 mA
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Operating Temperature Range
OP97A (Z) . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
OP97E, F (P, Z, S) . . . . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . 300
°C
Package Type
JA
4
JC
Unit
8-Lead Hermetic DIP (Z)
148
16
°C/W
8-Lead Plastic DIP (P)
103
43
°C/W
8-Lead SO (S)
158
43
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±20 V, the absolute maximum input voltage is equal
to the supply voltage.
3The OP97’s inputs are protected by back-to-back diodes. Current-limiting resis-
tors are not used in order to achieve low noise. Differential input voltages greater
than 1 V will cause excessive current to flow through the input protection diodes
unless limiting resistance is used.
4
θJA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for TO, cerdip, and P-DIP packages;
θJA is specified for device soldered
to printed circuit board for SO package.
ORDERING GUIDE
Temperature
Package
Model
Range
Option1
OP97AZ
3
–55
°C to +125°C
8-Lead Cerdip
OP97ARC/883
2, 3
–55
°C to +125°C
20-Contact LCC
OP97EJ
3
–40
°C to +85°C
TO-99
OP97EZ
3
–40
°C to +85°C
8-Lead Cerdip
OP97EP
–40
°C to +85°C
8-Lead Plastic DIP
OP97FZ
3
–40
°C to +85°C
8-Lead Cerdip
OP97FP
–40
°C to +85°C
8-Lead Plastic DIP
OP97FS
–40
°C to +85°C
8-Lead SOIC
OP97FS-REEL
–40
°C to +85°C
8-Lead SOIC
OP97FS-REEL7
–40
°C to +85°C
8-Lead SOIC
NOTES
1For outline information see Package Information section.
2For devices processed in total compliance to MIL-STD-883, add /883 after
part number. Consult factory for /883 data sheet.
3Not for new designs; obsolete April 2002.
For Military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
59628954401PA
OP97AZMDA
59628954401GA*
OP97AJMDA
*
Not for new designs; obsolete April 2002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com