Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP97EZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP97EZ
Description  Low-Power, High-Precision Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP97EZ Datasheet(HTML) 4 Page - Analog Devices

  OP97EZ Datasheet HTML 1Page - Analog Devices OP97EZ Datasheet HTML 2Page - Analog Devices OP97EZ Datasheet HTML 3Page - Analog Devices OP97EZ Datasheet HTML 4Page - Analog Devices OP97EZ Datasheet HTML 5Page - Analog Devices OP97EZ Datasheet HTML 6Page - Analog Devices OP97EZ Datasheet HTML 7Page - Analog Devices OP97EZ Datasheet HTML 8Page - Analog Devices OP97EZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
OP97
–4–
INPUT OFFSET VOLTAGE –
V
0
–40
100
200
300
400
–20
0
20
40
1894 UNITS
VS = 15V
TA = 25 C
VCM = 0V
TPC 1. Typical Distribution of Input
Offset Voltage
TEMPERATURE – C
–60
–75
–25
0
25
50
–50
75
TA = 25 C
VCM = 0V
IB–
IOS
IB+
–40
–20
0
20
40
60
100
125
TPC 4. Input Bias, Offset Current
vs. Temperature
SOURCE RESISTANCE –
1000
1
1k
100
10
3k
10k
30k 100k
1M
300k
3M
10M
BALANCED OR UNBALANCED
VS = 15V
VCM = 0V
–55 C
TA
+125 C
TA = 25 C
TPC 7. Effective Offset Voltage vs.
Source Resistance
INPUT BIAS CURRENT – pA
0
–100
100
200
300
400
–50
0
50
100
1920 UNITS
VS = 15V
TA = 25 C
VCM = 0V
TPC 2. Typical Distribution of Input
Bias Current
COMMON-MODE VOLTAGE – Volts
–60
–15
–50
5
10
–10
15
TA = 25 C
VS = 15V
IB–
IOS
IB+
–40
–20
0
20
40
60
TPC 5. Input Bias, Offset Current
vs. Common-Mode Voltage
SOURCE RESISTANCE –
100
0.1
1k
10
1
10k
100k
1M
10M
BALANCED OR UNBALANCED
VS = 15V
VCM = 0V
100M
TPC 8. Effective TCVOS vs. Source
Resistance
INPUT OFFSET CURRENT – pA
0
–60
100
200
300
400
–20
0
20
40
1894 UNITS
VS = 15V
TA = 25 C
VCM = 0V
–40
60
500
TPC 3. Typical Distribution of Input
Offset Current
TIME AFTER POWER APPLIED – Minutes
0
0
1
2
3
4
23
4
5
TA = 25 C
VS = 15V
VCM = 0V
1
5
J PACKAGES
Z, P PACKAGES
TPC 6. Input Offset Voltage
Warm-Up Drift
TIME FROM OUTPUT SHORT – Minutes
–20
0
–15
–10
–5
10
20
123
0
15
5
VS = 15V
OUTPUT SHORTED TO GROUND
TA = +125 C
TA = +25 C
TA = –55 C
TA = +125 C
TA = +25 C
TA = –55 C
TPC 9. Short Circuit Current vs.
Time, Temperature
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com