Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP08 Datasheet(PDF) 1 Page - Analog Devices

Part # SMP08
Description  Octal Sample-and-Hold with Multiplexed Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP08 Datasheet(HTML) 1 Page - Analog Devices

  SMP08 Datasheet HTML 1Page - Analog Devices SMP08 Datasheet HTML 2Page - Analog Devices SMP08 Datasheet HTML 3Page - Analog Devices SMP08 Datasheet HTML 4Page - Analog Devices SMP08 Datasheet HTML 5Page - Analog Devices SMP08 Datasheet HTML 6Page - Analog Devices SMP08 Datasheet HTML 7Page - Analog Devices SMP08 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Octal Sample-and-Hold
with Multiplexed Input
SMP08*
FUNCTIONAL BLOCK DIAGRAM
SW
SW
SW
SW
SW
SW
SW
SW
1 OF 8 DECODER
6
9
10
11
3
13
16
8
14
15
12
7
1
2
4
5
DGND
VDD
CH0OUT
CH1OUT
CH2OUT
CH3OUT
CH4OUT
CH5OUT
CH6OUT
CH7OUT
VSS
HOLD CAPS
(INTERNAL)
SMP08
INPUT
(LSB)
A
B
(MSB)
C
INH
FEATURES
Internal Hold Capacitors
Low Droop Rate
TTL/CMOS Compatible Logic Inputs
Single or Dual Supply Operation
Break-Before-Make Channel Addressing
Compatible With CD4051 Pinout
Low Cost
APPLICATIONS
Multiple Path Timing Deskew for ATE
Memory Programmers
Mass Flow/Process Control Systems
Multichannel Data Acquisition Systems
Robotics and Control Systems
Medical and Analytical Instrumentation
Event Analysis
Stage Lighting Control
GENERAL DESCRIPTION
The SMP08 is a monolithic octal sample-and-hold; it has eight
internal buffer amplifiers, input multiplexer, and internal hold
capacitors. It is manufactured in an advanced oxide isolated
CMOS technology to obtain high accuracy, low droop rate, and
fast acquisition time. The SMP08 has a typical linearity error of
only 0.01% and can accurately acquire a 10-bit input signal to
±1/2 LSB in less than 7 microseconds. The SMP08’s output
swing includes the negative supply in both single and dual sup-
ply operation.
The SMP08 was specifically designed for systems that use a
calibration cycle to adjust a multiple of system parameters. The
low cost and high level of integration make the SMP08 ideal for
calibration requirements that have previously required an
ASIC, or high cost multiple D/A converters.
*Protected by U.S. Patent No. 4,739,281.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
The SMP08 is also ideally suited for a wide variety of sample-
and-hold applications including amplifier offset or VCA gain
adjustments. One or more SMP08s can be used with single or
multiple DACs to provide multiple set points within a system.
The SMP08 offers significant cost and size reduction over dis-
crete designs. It is available in a 16-pin plastic DIP, or surface-
mount SOIC package.


Similar Part No. - SMP08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
481Kb / 8P
Octal Sample-and-Hold with Multiplexed lnput
REV. D
SMP08 AD-SMP08 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP08 AD-SMP08 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
logo
Infinite Electronics In...
SMP0820 FAIRVIEW-SMP0820 Datasheet
656Kb / 3P
SMA Variable Phase Shifter with an Adjustable Phase of 60 Deg. Per GHz and from DC to 8.2 GHz
REV 2.3
SMP08618 FAIRVIEW-SMP08618 Datasheet
472Kb / 3P
SMA Adjustable Phase Trimmer With an Adjustable Phase of 3.5 Deg. Per GHz From DC to 18 GHz
REV 1.1
More results

Similar Description - SMP08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP18 AD-SMP18 Datasheet
269Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV.C
logo
Maxim Integrated Produc...
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Analog Devices
SMP08FSZ AD-SMP08FSZ Datasheet
481Kb / 8P
Octal Sample-and-Hold with Multiplexed lnput
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08_15 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com