Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP18 Datasheet(PDF) 1 Page - Analog Devices

Part # SMP18
Description  Octal Sample-and-Hold with Multiplexed Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP18 Datasheet(HTML) 1 Page - Analog Devices

  SMP18 Datasheet HTML 1Page - Analog Devices SMP18 Datasheet HTML 2Page - Analog Devices SMP18 Datasheet HTML 3Page - Analog Devices SMP18 Datasheet HTML 4Page - Analog Devices SMP18 Datasheet HTML 5Page - Analog Devices SMP18 Datasheet HTML 6Page - Analog Devices SMP18 Datasheet HTML 7Page - Analog Devices SMP18 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Octal Sample-and-Hold
with Multiplexed Input
SMP18
FUNCTIONAL BLOCK DIAGRAM
SW
SW
SW
SW
SW
SW
SW
SW
1 OF 8 DECODER
6
9
10
11
3
13
16
8
14
15
12
7
1
2
4
5
DGND
VDD
CH0OUT
CH1OUT
CH2OUT
CH3OUT
CH4OUT
CH5OUT
CH6OUT
CH7OUT
VSS
HOLD CAPS
(INTERNAL)
SMP18
INPUT
(LSB)
A
B
(MSB)
C
INH
FEATURES
High Speed Version of SMP08
Internal Hold Capacitors
Low Droop Rate
TTL/CMOS Compatible Logic Inputs
Single or Dual Supply Operation
Break-Before-Make Channel Addressing
Compatible With CD4051 Pinout
Low Cost
APPLICATIONS
Multiple Path Timing Deskew for A.T.E.
Memory Programmers
Mass Flow/Process Control Systems
Multichannel Data Acquisition Systems
Robotics and Control Systems
Medical and Analytical Instrumentation
Event Analysis
Stage Lighting Control
GENERAL DESCRIPTION
The SMP18 is a monolithic octal sample-and-hold; it has eight
internal buffer amplifiers, input multiplexer, and internal hold
capacitors. It is manufactured in an advanced oxide isolated
CMOS technology to obtain high accuracy, low droop rate, and
fast acquisition time. The SMP18 has a typical linearity error of
only 0.01% and can accurately acquire a 10-bit input signal to
±1/2 LSB in less than 2.5 microseconds. The SMP18’s output
swing includes the negative supply in both single and dual sup-
ply operation.
The SMP18 was specifically designed for systems that use a
calibration cycle to adjust a multiple of system parameters. The
low cost and high level of integration make the SMP18 ideal for
calibration requirements that have previously required an ASIC,
or high cost multiple D/A converters.
The SMP18 is also ideally suited for a wide variety of sample-
and-hold applications including amplifier offset or VCA gain ad-
justments. One or more SMP18s can be used with single or
multiple DACs to provide multiple set points within a system.
The SMP18 offers significant cost and size reduction over
discrete designs. It is available in a 16-pin plastic DIP, a
narrow body SO-16 surface-mount SOIC package or the thin
TSSOP-16 package. The SMP18 is a higher speed direct
replacement for the SMP08.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996


Similar Part No. - SMP18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP18 VISHAY-SMP18 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP18 VISHAY-SMP18 Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SMP18 VISHAY-SMP18 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
logo
Analog Devices
SMP18 AD-SMP18 Datasheet
228Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18 AD-SMP18 Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
More results

Similar Description - SMP18

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
262Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV.D
logo
Maxim Integrated Produc...
MAX5168 MAXIM-MAX5168 Datasheet
170Kb / 12P
32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 4/00
logo
Analog Devices
SMP08FSZ AD-SMP08FSZ Datasheet
481Kb / 8P
Octal Sample-and-Hold with Multiplexed lnput
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18FS-REEL AD-SMP18FS-REEL Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08_15 Datasheet
481Kb / 8P
Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
Octal Sample-and-Hold with Multiplexed Input
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com