Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP18 Datasheet(PDF) 2 Page - Analog Devices

Part # SMP18
Description  Octal Sample-and-Hold with Multiplexed Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP18 Datasheet(HTML) 2 Page - Analog Devices

  SMP18 Datasheet HTML 1Page - Analog Devices SMP18 Datasheet HTML 2Page - Analog Devices SMP18 Datasheet HTML 3Page - Analog Devices SMP18 Datasheet HTML 4Page - Analog Devices SMP18 Datasheet HTML 5Page - Analog Devices SMP18 Datasheet HTML 6Page - Analog Devices SMP18 Datasheet HTML 7Page - Analog Devices SMP18 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Linearity Error
–3 V
≤ V
IN ≤ +3 V
0.01
%
Buffer Offset Voltage
VOS
TA = +25°C, VIN = 0 V
2.5
10
mV
–40
°C ≤ T
A ≤ +85°C, VIN = 0 V
3.5
20
mV
Hold Step
VHS
VIN = 0 V, TA = +25°C to +85°C
46mV
VIN = 0 V, TA = –40°C8
mV
Droop Rate
∆V
CH/∆tTA = +25°C, VIN = 0 V
2
40
mV/s
Output Source Current
ISOURCE
VIN = 0 V
1
1.2
mA
Output Sink Current
ISINK
VIN = 0 V
1
0.5
mA
Output Voltage Range
RL = 20 kΩ
–3.0
+3.0
V
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
VIN = 2.4 V
0.5
1
µA
DYNAMIC PERFORMANCE
2
Acquisition Time
3
tAQ
TA = +25°C, –3 V to +3 V to 0.1%
3.5
µs
Hold Mode Settling Time
tH
To
±1 mV of Final Value
1
µs
Channel Select Time
tCH
90
ns
Channel Deselect Time
tDCS
45
ns
Inhibit Recovery Time
tIR
90
ns
Slew Rate
SR
6
V/
µs
Capacitive Load Stability
<30% Overshoot
500
pF
Analog Crosstalk
–3 V to +3 V Step
–72
dB
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
VSS = ± 5 V to ± 6 V
60
75
dB
Supply Current
IDD
TA = +25°C
5.5
7.5
mA
–40
°C ≤ T
A ≤ +85°C
7.5
9.5
mA
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Limits
Linearity Error
60 mV
≤ V
IN ≤ 10 V
0.01
%
Buffer Offset Voltage
VOS
TA = +25°C, VIN = 6 V
2.5
10
mV
–40
°C ≤ T
A ≤ +85°C, VIN = 6 V
3.5
20
mV
Hold Step
VHS
VIN = 6 V, TA = +25°C to +85°C
46mV
VIN = 6 V, TA = –40°C8
mV
Droop Rate
∆V
CH/∆tTA = +25°C, VIN = 6 V
2
40
mV/s
Output Source Current
ISOURCE
VIN = 6 V
1
1.2
mA
Output Sink Current
ISINK
VIN = 6 V
1
0.5
mA
Output Voltage Range
RL = 20 kΩ
0.06
10.0
V
RL = 10 kΩ
0.06
9.5
V
LOGIC CHARACTERISTICS
Logic Input High Voltage
VINH
2.4
V
Logic Input Low Voltage
VINL
0.8
V
Logic Input Current
IIN
VIN = 2.4 V
0.5
1
µA
DYNAMIC PERFORMANCE
2
Acquisition Time
3
tAQ
TA = +25°C, 0 to 10 V to 0.1%
2.5
3.25
µs
Hold Mode Settling Time
tH
To
±1 mV of Final Value
1
µs
Channel Select Time
tCH
90
ns
Channel Deselect Time
tDCS
45
ns
Inhibit Recovery Time
tIR
90
ns
Slew Rate
4
SR
7
V/
µs
Capacitive Load Stability
<30% Overshoot
500
pF
Analog Crosstalk
0 V to 10 V Step
–72
dB
SUPPLY CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
10.8 V
≤ V
DD ≤ 13.2 V
60
75
dB
Supply Current
IDD
TA = +25°C
6.0
8.0
mA
–40
°C ≤ T
A ≤ +85°C
8.0
10.0
mA
NOTES
1Outputs are capable of sinking and sourcing over 10 mA but offset is guaranteed at specified load levels.
2All input control signals are specified with t
r = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
3This parameter is guaranteed without test.
4Slew rate is measured in the sample mode with a 0 to 10 V step from 20% to 80%.
Specifications subject to change without notice.
REV. C
–2–
SMP18–SPECIFICATIONS
(@ VDD = +5 V, VSS = –5 V, DGND = 0 V, RL = No Load, TA = –40 C to +85 C for SMP18F,
unless otherwise noted)
(@ VDD = +12 V, VSS = 0 V, DGND = 0 V, RL = No Load, TA = –40 C to +85 C for SMP18F,
unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com