Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000S Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2000S
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000S Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2000S Datasheet HTML 8Page - Analog Devices SSM2000S Datasheet HTML 9Page - Analog Devices SSM2000S Datasheet HTML 10Page - Analog Devices SSM2000S Datasheet HTML 11Page - Analog Devices SSM2000S Datasheet HTML 12Page - Analog Devices SSM2000S Datasheet HTML 13Page - Analog Devices SSM2000S Datasheet HTML 14Page - Analog Devices SSM2000S Datasheet HTML 15Page - Analog Devices SSM2000S Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SSM2000
REV. 0
–13–
Mute (Pin 17)
Applying a +5 V voltage signal to this pin will mute the
SSM2000. Potentials applied to this pin should be reference to
GND. Standard TTL levels are recommended when using
MUTE. Activating MUTE causes maximum attenuation in the
VCA on both the L and R channels. If MUTE is being con-
trolled by noisy digital logic lines, then use adequate filtering to
avoid digital noise interfering with audio signals present in the
SSM2000.
DO NOT CONNECT/Detector Bandwidth Limit (Pin 18)
Pin 18 is connected internally to both the left and right channels
though 20 k
Ω resistors, as shown in Figure 29. This node al-
lows access to the input of the
×3 gain buffer, whose output is
SUM OUT (Pin 9). Do not connect this node to ground or an-
other potential. Connecting a 470 pF capacitor to this pin will
limit the range of the input signal that runs through the VCF
and VCA detectors to 35 kHz. This is an inexpensive way to
remove fixed-frequency tones of frequencies of greater than
35 kHz. Please refer the Precautions, Limitations, and Observa-
tions section under Pre-filtering Out-of-Audio Band Noise for
more information.
GND (Pin 19)
GND is normally connected to V– in single-supply applications
and ACOM in dual-supply applications. Please read the
MUTE and DEFEAT sections for more information.
V– (Pin 20)
This pin should be connected to the most negative power poten-
tial, typically chassis ground in single-supply applications and
the negative power rail in dual-supply applications.
R OUT and L OUT (Pin 23 and Pin 24)
The outputs of HUSH are buffered and can therefore drive
moderate loads. For loads (e.g., speakers or headphones) which
exceed 2 k
Ω or 300 pF additional buffering may be necessary.
OPTIONAL APPLICATION CIRCUITS
The SSM2000 has been designed to facilitate numerous addi-
tional functions by adding a modest amount of external cir-
cuitry. The direct access to the VCA gain control port plus
access to the amplitude and frequency detectors allow construc-
tion of valuable systems features such as:
• DC Volume Control—one dc level controls both audio chan-
nels without routing audio signals to the front panel.
• Automatic Volume Leveling—constrains long term average
volume levels to within a few dB, avoiding constant resetting
of volume as one tuner through various stations or switches
from radio to tape, etc.
• Compression—reduces dynamic range to improve audibility
of softer sounds in noisy environments such as when playing
CDs in cars.
• Volume vs. Road Speed—a speedometer signal can be used to
increase audio levels as road speed increases.
• Compression vs. Road Speed—see above.
Automatic Leveling
Automatic leveling is similar to compression, however instead of
attempting to attenuate all large amplitude audio signals, the
leveling circuit attenuates audio signal when the overall signal
amplitude has increased for a considerable amount of time,
>1 sec. Attenuating loud TV commercials whose average vol-
ume levels are significantly above the program material is an ap-
plication were this feature is particularly useful. The circuit
shown in Figure 30 is an example of HUSH automatic leveling.
Automatic leveling is a signal amplitude operation, therefore,
the input of the circuit is derived from Pin 12, VCA TC. This
input voltage is gained and level shifted. The volume control is
“counter intuitive,” because the higher the gain the lower the re-
sulting volume, as the VCA control port attenuates when posi-
tive voltage is applied. The level threshold potentiometer sets
the volume level, which is a gain range of 1.5 dB to –80 dB.
After the op amp, the signal passes through a positive peak
detector, and is averaged by a long time constant RC. The sig-
nal is now representative of the long term average amplitude of
the original audio that is applied to the L/R input of the
SSM2000. This signal is then passed to the VCA control port.
Audio Compression
Audio compression can be thought of as fast automatic leveling.
The purpose of audio compression is to attenuate larger ampli-
tude signals, such that signals above the adaptive threshold will
be scaled by 0.2 dB/dB, while the signals below the externally
set level threshold will remain essentially unchanged. A shorter
time constant and slight gain change are the only differences be-
tween the audio compression circuit and the automatic leveling
circuit. Figure 30 illustrates the audio compression circuit. The
OP275 is an excellent audio amplifier and is suggested for this
application when the power supply rails are greater than or
equal to
±5 V. For applications where the power supplies are
separated by less than 10 V, then a single-supply op amp like
the OP279 is recommended.
3k
Ω
100k
Ω
7.5k
Ω
27k
Ω
+5V
20k
Ω
+5V
–5V
5k
Ω POT
VOLUME CONTROL
10k
Ω POT
LEVEL THRESHOLD
1/2
OP275
0.1µF
OFF
LEVEL
COMPRESS
3.3µF
10M
Ω
12
SSM2000
7
6
+5V
–5V
19
5
20
SP3T
OFF
LEVEL
COMPRESS
Figure 30. An Automatic Leveling/Compression Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com