Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000S Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2000S
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000S Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2000S Datasheet HTML 8Page - Analog Devices SSM2000S Datasheet HTML 9Page - Analog Devices SSM2000S Datasheet HTML 10Page - Analog Devices SSM2000S Datasheet HTML 11Page - Analog Devices SSM2000S Datasheet HTML 12Page - Analog Devices SSM2000S Datasheet HTML 13Page - Analog Devices SSM2000S Datasheet HTML 14Page - Analog Devices SSM2000S Datasheet HTML 15Page - Analog Devices SSM2000S Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2000
REV. 0
–14–
Volume Control vs. Road Speed
In automotive applications the external volume control port
(Pin 7) can also be used to increase the volume as road noise
increases. The digital speedometer information available in
most vehicles may be filtered or D/A converted and sent to
the SSM2000 to control the volume. Figure 31 illustrates a
SSM2000 audio volume control system using digital speedom-
eter data.
VREFH
SSM2000
7
6
+5V
–5V
19
5
20
VCA
CONTROL
PORT
D/A
CONVERTER
MPH
SPEEDOMETER
DATA
VREFL
Figure 31. Volume Control vs. Road Speed Block Diagram
Using the SSM2000 in a Post-Volume Control Application
The SSM2000 is capable of operation for limited reasonable
changes in input levels, because of the internal adaptive noise
threshold detector. However, this detector is limited in range
for optimal performance and therefore external circuitry is re-
quired if the prevolume control line level is to be changed by
more than –20 dB. Figure 32 illustrates a circuit that alters the
range of the noise threshold.
18k
Ω
750k
Ω
120k
Ω
+5V
–5V
1/2
OP292
22µF
12
SSM2000
14
6
+5V
–5V
19
5
20
1.3k
Ω
1/2
OP292
20k
Ω
1.2k
Ω
3.3µF
10k
Ω
Figure 32. A Schematic to Use the SSM2000 in a Post-
Volume Control Application
PRECAUTIONS, LIMITATIONS, AND OBSERVATIONS
Operating Temperature
Under light loading conditions HUSH runs relatively cool, typi-
cally only 4
°C over ambient room temperature. If HUSH is
hot, then check to make sure that the capacitive and resistive
loading requirements are not being exceeded.
Operating Signal Amplitude and Frequency Range
The output signal range of the SSM2000 is set internally
(3.67 V p-p @ 0.1 THD) and will not increase even if the power
supply rails are raised. The frequency range is set by the input
ac coupling capacitors (< 10 Hz) and by the VCF which is inter-
nally limited to 35 kHz.
Excess External Noise
Even though the SSM2000 is a noise reduction IC, excessively
high noise floor amplitudes may result in no noise reduction.
Common causes of this condition are high audio volume or very
poor reception. In this case the VCF and the VCA will remain
at their maximum settings and the audio signal will simply pass
through HUSH.
Prefiltering Out-of-Audio Band Tones
The most common cause of SSM2000 operational error is due
to large amplitude fixed-frequency tones. When SSM2000
detector’s are exposed to large fixed-frequency tones, they rec-
ognizes these types of tones as signal and automatically adjust
the VCA and VCF to allow this frequency to pass through to the
output along with the underlying noise. The following is a list
of typical fixed-frequency tones which might cause this type
of HUSH behavior: switching power supply noise (20 kHz–
200 kHz), sampling frequency in digitized music (44 kHz), PC
monitor scan frequency (30 kHz), microprocessor operating fre-
quency or submultiple, and FM stereo subcarrier frequency
(19 kHz). Figure 33 is a scope photo of a spectrum analyzer
output showing the 19 kHz FM stereo subcarrier frequency.
So, if your application will encounter any of these types of noise
sources, then a preconditioning filter for the internal detector is
necessary.
20Hz
20kHz
Figure 33. Scope Photo of the 19 kHz FM Subcarrier
Frequency
Figures 34 and 35 illustrate two different approaches to filtering
these undesired tones. If the interfering tone frequency is less
than 20 kHz (e.g., TV-15.625 kHz), a Twin-T Hi-Q notch filter
as shown in Figure 34 should be used. The notch filter will at-
tenuate the tone while having a minimal effect on the audio
band signal. For interfering tones above 20 kHz, a general
3-pole low-pass filter is recommended, such as the Butterworth
filter shown in Figure 35. The input of the filter should always
be connected to the output, SUM OUT. Filtering the SUM
OUT signal will not affect audio quality because the SUM
OUT signal is not part of the main audio path. However,
overaggressive filtering may remove noise and signal that is
necessary to set the VCA control, VCF control, and noise
threshold levels. The OP292 or OP275 shown in the example
filter circuit are high performance, low cost amplifiers suitable
for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com