Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2017 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2017
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2017 Datasheet(HTML) 3 Page - Analog Devices

  SSM2017 Datasheet HTML 1Page - Analog Devices SSM2017 Datasheet HTML 2Page - Analog Devices SSM2017 Datasheet HTML 3Page - Analog Devices SSM2017 Datasheet HTML 4Page - Analog Devices SSM2017 Datasheet HTML 5Page - Analog Devices SSM2017 Datasheet HTML 6Page - Analog Devices SSM2017 Datasheet HTML 7Page - Analog Devices SSM2017 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSM2017
–3–
REV. C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2017 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Typical Performance Characteristics
Figure 1. Typical THD+Noise* at G = 1, 10, 100, 1000;
VO = 7 V rms, VS = ±15 V, RL = 5 kΩ; TA = +25°C
*80 kHz low-pass filter used for Figures 1-2.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . 10 sec
Storage Temperature Range (P, Z Packages)
–65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Thermal Resistance*
8-Pin Hermetic DIP (Z):
θ
JA = 134;
θ
JC = 12
. . . . . .
°C/W
8-Pin Plastic DIP (P):
θ
JA = 96; θJC = 37 . . . . . . . . . .
°C/W
16-Pin SOIC (S):
θ
JA = 92;
θ
JC = 27
. . . . . . . . . . . . .
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for device
in socket for cerdip and plastic DIP;
θ
JA is specified for device soldered to printed
circuit board for SOL package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range*
Description
Option
SSM2017P
–40
°C to +85°C
8-Pin Plastic DIP
N-8
SSM2017S
–40
°C to +85°C
16-Lead SOL
R-16
SSM2017S-REEL
–40
°C to +85°C
16-Lead SOL
R-16
*XIND = –40
°C to +85°C.
Figure 2. Typical THD+ Noise * at G = 2, 10, 100, 1000;
VO = 10 V rms, VS = ±18 V, RL = 5 kΩ; TA = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com