Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2017 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2017
Description  Self-Contained Audio Preamplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2017 Datasheet(HTML) 1 Page - Analog Devices

  SSM2017 Datasheet HTML 1Page - Analog Devices SSM2017 Datasheet HTML 2Page - Analog Devices SSM2017 Datasheet HTML 3Page - Analog Devices SSM2017 Datasheet HTML 4Page - Analog Devices SSM2017 Datasheet HTML 5Page - Analog Devices SSM2017 Datasheet HTML 6Page - Analog Devices SSM2017 Datasheet HTML 7Page - Analog Devices SSM2017 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a
Self-Contained
Audio Preamplifier
SSM2017
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
FUNCTIONAL BLOCK DIAGRAM
+IN
–IN
OUT
5k
Ω
REFERENCE
RG1
SSM2017
V+
X1
RG2
V–
X1
V–
5k
Ω
5k
Ω
5k
Ω
5k
Ω
5k
Ω
PIN CONNECTIONS
Epoxy Mini-DIP (P Suffix)
REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
–IN
+IN
V–
V+
OUT
RG2
RG1
SSM2017
16-Pin Wide Body SOL (S Suffix)
1
2
3
4
5
6
7
8
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
NC
NC
–IN
+IN
V–
V+
OUT
REFERENCE
NC
NC
NC
NC
RG1
RG2
NC
NC
SSM2017
NC = NO CONNECT
TOP VIEW
(Not to Scale)
FEATURES
Excellent Noise Performance: 950 pV/
√Hz or 1.5 dB
Noise Figure
Ultralow THD: < 0.01% @ G = 100 Over the Full Audio
Band
Wide Bandwidth: 1 MHz @ G = 100
High Slew Rate: 17 V/ s typ
Unity Gain Stable
True Differential Inputs
Subaudio 1/f Noise Corner
8-Pin Mini-DIP with Only One External Component
Required
Very Low Cost
Extended Temperature Range: –40 C to +85 C
APPLICATIONS
Audio Mix Consoles
Intercom/Paging Systems
Two-Way Radio
Sonar
Digital Audio Systems
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
GENERAL DESCRIPTION
The SSM2017 is a latest generation audio preamplifier, combin-
ing SSM preamplifier design expertise with advanced process-
ing. The result is excellent audio performance from a self-
contained 8-pin mini-DIP device, requiring only one external
gain set resistor or potentiometer. The SSM2017 is further en-
hanced by its unity gain stability.
Key specifications include ultralow noise (1.5 dB noise figure)
and THD (<0.01% at G = 100), complemented by wide band-
width and high slew rate.
Applications for this low cost device include microphone pream-
plifiers and bus summing amplifiers in professional and con-
sumer audio equipment, sonar, and other applications requiring
a low noise instrumentation amplifier with high gain capability.


Similar Part No. - SSM2017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
More results

Similar Description - SSM2017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
Self-Contained Audio Preamplifier
REV.0
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
Thermoelectric Self-contained Current Source
logo
Analog Devices
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
AD612 AD-AD612_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
Self-Contained Audio Preamplifier
REV. A
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
Self-Contained Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com