Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2141 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2141
Description  High Common-Mode Rejection Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141 Datasheet(HTML) 1 Page - Analog Devices

  SSM2141 Datasheet HTML 1Page - Analog Devices SSM2141 Datasheet HTML 2Page - Analog Devices SSM2141 Datasheet HTML 3Page - Analog Devices SSM2141 Datasheet HTML 4Page - Analog Devices SSM2141 Datasheet HTML 5Page - Analog Devices SSM2141 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FUNCTIONAL BLOCK DIAGRAM
SSM2141
–IN
+IN
SENSE
+VCC
OUTPUT
–VEE
REFERENCE
25k
Ω
25k
Ω
25k
Ω
25k
Ω
1
3
2
5
7
6
4
PIN CONNECTIONS
8-Pin Plastic Mini-DIP
(P Suffix)
Narrow Body SO
(S Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
SSM2141
REFERENCE
SENSE
OUTPUT
V+
NC
–IN
+IN
V–
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Common-Mode Rejection
Differential Line Receiver
SSM2141
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
GENERAL DESCRIPTION
The SSM2141 is an integrated differential amplifier intended to
receive balanced line inputs in audio applications requiring a
high level of noise immunity and optimum common-mode
rejection. The SSM2141 typically achieves 100 dB of common-
mode rejection (CMR), whereas implementing an op amp with
four off-the-shelf precision resistors will typically achieve only
40 dB of CMR—inadequate for high-performance audio.
The SSM2141 achieves low distortion performance by
maintaining a large slew rate of 9.5 V/
µs and high open-loop
gain. Distortion is less than 0.002% over the full audio
bandwidth. The SSM2141 complements the SSM2142
balanced line driver. Together, these devices comprise a fully
integrated solution for equivalent transformer balancing of
audio signals without the problems of distortion, EMI fields,
and high cost.
Additional applications for the SSM2141 include summing
signals, differential preamplifiers, and 600
Ω low distortion
buffer amplifiers. For similar performance with G = 1/2, see
SSM2143.
FEATURES
High Common-Mode Rejection
DC: 100 dB typ
60 Hz: 100 dB typ
20 kHz: 70 dB typ
40 kHz: 62 dB typ
Low Distortion: 0.001% typ
Fast Slew Rate: 9.5 V/ s typ
Wide Bandwidth: 3 MHz typ
Low Cost
Complements SSM2142 Differential Line Driver
APPLICATIONS
Line Receivers
Summing Amplifiers
Buffer Amplifiers–Drives 600
Load


Similar Part No. - SSM2141

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2141 AD-SSM2141 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV. C
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV. C
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV.C
More results

Similar Description - SSM2141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV. C
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV.C
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650_18 Datasheet
2Mb / 38P
SoundPlus High Common-Mode Rejection Line Receivers
INA1650-Q1_1904 TI1-INA1650-Q1_1904 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
logo
TDK Electronics
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com